Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5420AI-G Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC5420AI-G
Description  High Slew Rate Rail-to-Rail Quad Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5420AI-G Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC5420AI-G Datasheet HTML 1Page - E-CMOS Corporation EC5420AI-G Datasheet HTML 2Page - E-CMOS Corporation EC5420AI-G Datasheet HTML 3Page - E-CMOS Corporation EC5420AI-G Datasheet HTML 4Page - E-CMOS Corporation EC5420AI-G Datasheet HTML 5Page - E-CMOS Corporation EC5420AI-G Datasheet HTML 6Page - E-CMOS Corporation EC5420AI-G Datasheet HTML 7Page - E-CMOS Corporation EC5420AI-G Datasheet HTML 8Page - E-CMOS Corporation EC5420AI-G Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EC5420A
High Slew Rate Rail-to-Rail
Quad Operational Amplifiers
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 10
Revision 2008/12/25
Absolute maximum ratings (TA = 25 °C)
Values beyond absolute maximum ratings may cause permanent damage to the device. These are stress
ratings only; functional device operation is not implied. Exposure to AMR conditions for extended periods
may affect device reliability.
Important Note:
All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless
otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Ordering Information
PART NUMBER
TOP MARK
PACKAGE
EC5420AI-F
EC5420A-F
Lead free 14-pin TSSOP
EC5420AI-G
EC5420A-G
Green mode TSSOP-14
EC5420AI-HG
5420A-HG
Green mode TSSOP-14 ( Exposed Pad )
Supply Voltage between VS+ and VS-
+18V
Input Voltage
VS--0.5V, VS ++0.5V
Maximum Continuous Output Current
30mA
Maximum Die Temperature
+125°C
Storage Temperature
-65°C to +150°C
Operating Temperature
-20°C to +85°C
Lead Temperature
260°C
ESD Voltage
2KV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com