Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB61538A Datasheet(PDF) 28 Page - Cirrus Logic

Part # CDB61538A
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB61538A Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CDB61538A Datasheet HTML 24Page - Cirrus Logic CDB61538A Datasheet HTML 25Page - Cirrus Logic CDB61538A Datasheet HTML 26Page - Cirrus Logic CDB61538A Datasheet HTML 27Page - Cirrus Logic CDB61538A Datasheet HTML 28Page - Cirrus Logic CDB61538A Datasheet HTML 29Page - Cirrus Logic CDB61538A Datasheet HTML 30Page - Cirrus Logic CDB61538A Datasheet HTML 31Page - Cirrus Logic CDB61538A Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
Transformers
Recommended transmitter and receiver trans-
former specifications are shown in Table A2. The
transformers in Table A3 have been tested and
recommended for use with the CS61577. Refer to
the "Telecom Transformer Selection Guide" for
detailed schematics which show how to connect
the line interface IC with a particular transformer.
Selecting an Oscillator Crystal
Specific crystal parameters are required for
proper operation of the jitter attenuator. It is rec-
ommended that the Crystal Semiconductor
CXT6176 crystal be used for T1 applications and
the CXT8192 crystal be used for E1 applications.
Transmit Side Jitter Attenuation
In some applications it is desirable to attenuate
jitter from the signal to be transmitted. A
CS61577 in local loopback mode can be used as a
jitter attenuator. The inputs to the jitter attenuator
are TPOS, TNEG, TCLK. The outputs from the
jitter attenuator are RPOS, RNEG and RCLK.
Line Protection
Secondary protection components can be added
to provide lightning surge and AC power-cross
immunity. Refer to the "Telecom Line Protection
Application Note" for detailed information on the
different electrical safety standards and specific
application circuit recommendations.
Turns Ratio
1:2 CT
± 5%
Primary
Inductance
600
µH min. @ 772 kHz
Primary Leakage
Inductance
1.3
µH max. @ 772 kHz
Secondary Leakage
Inductance
0.4
µH max. @ 772 kHz
Interwinding
Capacitance
23 pF max.
ET-constant
16 V-
µs min. for T1
12 V-
µs min. for E1
Table A2. Transformer Specifications
Turns
Ratio(s)
Manufacturer
Part Number
Package Type
1:2CT
Pulse Engineering
PE-65351
1.5 kV through-hole, single
Schott
67129300
Bel Fuse
0553-0013-HC
dual
1:2CT
Pulse Engineering
PE-64951
1.5 kV through-hole, dual
Bel Fuse
0553-0013-1J
dual
1:2CT
Pulse Engineering
PE-65761
1.5 kVsurface-mount, dual
Bel Fuse
S553-0013-03
1:2CT
Pulse Engineering
PE-65835
3 kV through-hole, single
EN60950, EN41003 approved
Table A3. Recommended Transformers
CS61577
28
DS155PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com