Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C66013-PVC Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # CY7C66013-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66013-PVC Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button CY7C66013-PVC Datasheet HTML 18Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 19Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 20Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 21Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 22Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 23Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 24Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 25Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 22 of 58
Port 1 Interrupt Enable
ADDRESS 0x05
Port 2 Interrupt Enable
ADDRESS 0x06
Port 3 Interrupt Enable
ADDRESS 0x07
10.0
DAC Port
The CY7C66113 features a programmable sink current 8 bit port which is also known as DAC port. Each of these port I/O pins
have a programmable current sink. Writing a ‘1’ to a DAC I/O pin disables the output current sink (Isink DAC) and drives the I/O
pin HIGH through an integrated 14-k
Ω resistor. When a ‘0’ is written to a DAC I/O pin, the I
sink DAC is enabled and the pull-up
resistor is disabled. This causes the Isink DAC to sink current to drive the output LOW. Figure 10-1 shows a block diagram of the
DAC port pin.
The amount of sink current for the DAC I/O pin is programmable over 16 values based on the contents of the DAC Isink Register
(Figure 10-3) for that output pin. DAC[1:0] are high current outputs that are programmable from 3.2 mA to 16 mA (typical).
DAC[7:2] are low current outputs, programmable from 0.2 mA to 1.0 mA (typical).
When the suspend bit in Processor Status and Control Register (Figure 15-1) is set, the Isink DAC block of the DAC circuitry is
disabled. Special care should be taken when the CY7C66113 device is placed in the suspend. The DAC Port Data
Register(Figure 10-2) should normally be loaded with all ‘1’s (Figure 15-1) before setting the suspend bit. If any of the DAC bits
Bit #
7
65
43
210
Bit Name
P1.7 Intr
Enable
P1.6 Intr
Enable
P1.5 Intr
Enable
P1.4 Intr
Enable
Reserved
P0.2 Intr
Enable
P1.1 Intr
Enable
P1.0 Intr
Enable
Read/Write
WWW
W
W
WWW
Reset
0
00
00
000
Figure 9-8. Port 1 Interrupt Enable
Bit #
7
65
43
210
Bit Name
P0.7 Intr
Enable
P0.6 Intr
Enable
P0.5 Intr
Enable
P0.4 Intr
Enable
P0.3 Intr
Enable
Reserved
Reserved
Reserved
Read/Write
WWW
W
W
WWW
Reset
0
00
00
000
Figure 9-9. Port 2 Interrupt Enable
Bit #
7
65
43
210
Bit Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
P3.1 Intr
Enable
P0.3 Intr
Enable
Read/Write
WWW
W
W
WWW
Reset
0
00
00
000
Figure 9-10. Port 3 Interrupt Enable
Figure 10-1. Block Diagram of a DAC Pin
VCC
14 k
Ω
Data
Out
Latch
Internal
Data Bus
DAC Read
DAC Write
Interrupt
Enable
to Interrupt
Controller
Q1
Internal
Buffer
Interrupt
Polarity
Isink
DAC
Isink
Register
4 bits
DAC
I/O Pin
Suspend
(Bit 3 of Register 0xFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com