Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT240T Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT240T
Description  8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT240T Datasheet(HTML) 6 Page - Texas Instruments

Back Button CY74FCT240T Datasheet HTML 2Page - Texas Instruments CY74FCT240T Datasheet HTML 3Page - Texas Instruments CY74FCT240T Datasheet HTML 4Page - Texas Instruments CY74FCT240T Datasheet HTML 5Page - Texas Instruments CY74FCT240T Datasheet HTML 6Page - Texas Instruments CY74FCT240T Datasheet HTML 7Page - Texas Instruments CY74FCT240T Datasheet HTML 8Page - Texas Instruments CY74FCT240T Datasheet HTML 9Page - Texas Instruments CY74FCT240T Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CY54FCT240T, CY74FCT240T
8-BIT BUFFERS/LINE DRIVERS
WITH 3-STATE OUTPUTS
SCCS017A – MAY 1994 – REVISED OCTOBER 2001
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
CY54FCT240T
CY74FCT240T
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
#
One bit switching
at f1 = 10 MHz
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
0.7
1.4
#
VCC = 5.5 V,
1
at 50% duty cycle VIN = 3.4 V or GND
1
2.4
#
CC
Outputs open,
OEA = OEB = GND
Eight bits
switching
at f1 =2 5MHz
VIN = 0.2 V or
VIN ≥ VCC – 0.2 V
1.3
2.6||
IC#
at f1 = 2.5 MHz
at 50% duty cycle VIN = 3.4 V or GND
3.3
10.6||
mA
IC#
One bit switching
at f1 = 10 MHz
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
0.7
1.4
mA
VCC = 5.25 V,
1
at 50% duty cycle VIN = 3.4 V or GND
1
2.4
CC
Outputs open,
OEA = OEB = GND
Eight bits
switching
at f1 =2 5MHz
VIN = 0.2 V or
VIN ≥ VCC – 0.2 V
1.3
2.6||
at f1 = 2.5 MHz
at 50% duty cycle VIN = 3.4 V or GND
3.3
10.6||
Ci
5
10
5
10
pF
Co
9
12
9
12
pF
† Typical values are at VCC = 5 V, TA = 25°C.
# IC
= ICC + ∆ICC × DH × NT + ICCD (f0/2 + f1 × N1)
Where:
IC
= Total supply current
ICC
= Power-supply current with CMOS input levels
∆ICC = Power-supply current for a TTL high input (VIN = 3.4 V)
DH
= Duty cycle for TTL inputs high
NT
= Number of TTL inputs at DH
ICCD = Dynamic current caused by an input transition pair (HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1
= Number of inputs changing at f1
All currents are in milliamperes and all frequencies are in megahertz.
|| Values for these conditions are examples of the ICC formula.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com