Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT240ATSOCT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT240ATSOCT
Description  8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT240ATSOCT Datasheet(HTML) 2 Page - Texas Instruments

  CY74FCT240ATSOCT Datasheet HTML 1Page - Texas Instruments CY74FCT240ATSOCT Datasheet HTML 2Page - Texas Instruments CY74FCT240ATSOCT Datasheet HTML 3Page - Texas Instruments CY74FCT240ATSOCT Datasheet HTML 4Page - Texas Instruments CY74FCT240ATSOCT Datasheet HTML 5Page - Texas Instruments CY74FCT240ATSOCT Datasheet HTML 6Page - Texas Instruments CY74FCT240ATSOCT Datasheet HTML 7Page - Texas Instruments CY74FCT240ATSOCT Datasheet HTML 8Page - Texas Instruments CY74FCT240ATSOCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY54FCT240T, CY74FCT240T
8-BIT BUFFERS/LINE DRIVERS
WITH 3-STATE OUTPUTS
SCCS017A – MAY 1994 – REVISED OCTOBER 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE†
SPEED
(ns)
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC
SO
Tube
4.3
CY74FCT240CTSOC
FCT240C
SOIC – SO
Tape and reel
4.3
CY74FCT240CTSOCT
FCT240C
QSOP – Q
Tape and reel
4.3
CY74FCT240CTQCT
FCT240C
SOIC
SO
Tube
4.8
CY74FCT240ATSOC
FCT240A
–40
°C to 85°C
SOIC – SO
Tape and reel
4.8
CY74FCT240ATSOCT
FCT240A
QSOP – Q
Tape and reel
4.8
CY74FCT240ATQCT
FCT240A
SOIC
SO
Tube
8
CY74FCT240TSOC
FCT240
SOIC – SO
Tape and reel
8
CY74FCT240TSOCT
FCT240
QSOP – Q
Tape and reel
8
CY74FCT240TQCT
FCT240
CDIP – D
Tube
4.7
CY54FCT240CTDMB
55
°Cto125°C
CDIP – D
Tube
5.1
CY54FCT240ATDMB
–55
°C to 125°C
LCC – L
Tube
5.1
CY54FCT240ATLMB
CDIP – D
Tube
9
CY54FCT240TDMB
† Packagedrawings,standardpackingquantities,thermaldata,symbolization,andPCBdesignguidelinesareavailable
at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OUTPUT
OEA
OEB
D
O
L
L
L
H
L
LH
L
H
H
X
Z
H = High logic level, L = Low logic level,
X = Don’t care, Z = High-impedance state



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com