Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DD200KB Datasheet(PDF) 2 Page - SanRex Corporation

Part # DD200KB
Description  DIODE MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DD200KB Datasheet(HTML) 2 Page - SanRex Corporation

  DD200KB Datasheet HTML 1Page - SanRex Corporation DD200KB Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DD200KB
Maximum Forward Characteristics
Forward Voltage Drop(V)
20
200
2000
50
500
5000
10
100
1000
10000
0.
5
1
1.
5
2
2.
5
3
T
j=25℃
Maximum
Per one element
Average Forward Current vs.
Power Dissipation
Average Forward Current(A)
400
350
300
250
200
100
150
50
0
0
50
350
300
200
100
150
250
Single Phase
Three Phase
Per one element
D.C.
Average Forward Current(A)
Average Forward Current vs.
Allowable Case Temperature
150
130
110
50
90
70
0
50
100
200
250
350
300
150
Single Phase
Per one element
Three Phase
D.C.
Cycle Surge Forward Current Rating
(Non-Repetitive)
Time(Cycles)
6000
5000
3000
4000
2000
1000
0
5
2
1
20
50
100
10
60Hz
Per one element
50Hz
T
j=25℃ Start
0.
20
0.
16
0.
12
0.
08
0.
04
0.
002 0.
0050.
010.
02 0.
05 0.
1 0.
2
0.
5
0.
001
0
Transient Thermal Impedance
5
2
20
10
1
2
50
Time
t(sec)
Junction to Case
Per one element
Maximum
SanRex
®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com