Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3292B Datasheet(PDF) 13 Page - E-CMOS Corporation

Part # EC3292B
Description  18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3292B Datasheet(HTML) 13 Page - E-CMOS Corporation

Back Button EC3292B Datasheet HTML 6Page - E-CMOS Corporation EC3292B Datasheet HTML 7Page - E-CMOS Corporation EC3292B Datasheet HTML 8Page - E-CMOS Corporation EC3292B Datasheet HTML 9Page - E-CMOS Corporation EC3292B Datasheet HTML 10Page - E-CMOS Corporation EC3292B Datasheet HTML 11Page - E-CMOS Corporation EC3292B Datasheet HTML 12Page - E-CMOS Corporation EC3292B Datasheet HTML 13Page - E-CMOS Corporation EC3292B Datasheet HTML 14Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
18V/2A High Efficiency Synchronous Rectified
Step-Down DC/DC Converter
EC3292B
E-CMOS Corp. (www.ecmos.com.tw)
Page 13 of 14
5B16N-Rev.F001
Qty
Ref
Value
Description
Package
2
Cout
22µF
Ceramic Capacitor X5R 16V
Murata-part number:
GRM32ER61C226KE20L
1206
1
CIN
10uF
Ceramic Capacitor X5R 25V
1206
1
CBST
100nF
Ceramic Capacitor
0603
1
L
4.7~6.8 uH
Inductor, Rated Current 3.5A
TDK:APM6530T
WE:74477
CYNTEC:PCMB104T
SMD
1
U1
EC3292B
Step-Down DC/DC Converter
SOT23_6L
Application 3: (Cout=22uFx1 MLCC with Rt)
Qty
Ref
Value
Description
Package
1
Cout
22µF
Ceramic Capacitor X5R 16V
Murata-part number:
GRM32ER61C226KE20L
1206
1
CIN
10uF
Ceramic Capacitor X5R 25V
1206
1
CBST
100nF
Ceramic Capacitor
0603
1
L
4.7~6.8uH
Inductor, Rated Current 3.5A
TDK:APM6530T
WE:74477
CYNTEC:PCMB104T
SMD
1
U1
EC3292B
Step-Down DC/DC Converter
SOT23_6L
EC3292B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com