Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP240T Datasheet(PDF) 3 Page - BeRex Corporation

Part # BCP240T
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP240T Datasheet(HTML) 3 Page - BeRex Corporation

  BCP240T Datasheet HTML 1Page - BeRex Corporation BCP240T Datasheet HTML 2Page - BeRex Corporation BCP240T Datasheet HTML 3Page - BeRex Corporation BCP240T Datasheet HTML 4Page - BeRex Corporation BCP240T Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BCP240T
S-PARAMETER (Vds = 8V, Ids = 50% Idss)
FREQ.
[GHZ]
S11
[MAG]
S11
[ANG.]
S21
[MAG]
S21
[ANG.]
S12
[MAG]
S12
[ANG.]
S22
[MAG]
S22
[ANG.]
1
0.90
-147.20
10.68
101.84
0.024
26.83
0.54
-166.95
2
0.90
-166.80
5.52
87.86
0.026
31.25
0.56
-173.49
3
0.91
-175.23
3.72
79.48
0.028
32.71
0.57
-175.76
4
0.92
179.32
2.80
72.74
0.032
38.68
0.58
-176.62
5
0.92
175.65
2.22
66.25
0.033
42.56
0.59
-177.49
6
0.92
172.96
1.84
60.88
0.037
47.19
0.60
-178.08
7
0.92
170.17
1.54
55.39
0.039
49.21
0.61
-178.49
8
0.93
167.87
1.35
50.23
0.040
52.94
0.62
-178.60
9
0.93
165.98
1.21
46.31
0.045
50.65
0.63
-179.68
10
0.92
163.50
1.09
41.28
0.048
53.68
0.64
179.89
11
0.93
161.40
0.99
36.84
0.052
54.32
0.65
179.02
12
0.93
158.76
0.91
32.10
0.054
53.07
0.66
178.15
13
0.93
154.63
0.85
27.43
0.056
53.42
0.67
177.02
14
0.94
151.80
0.78
22.74
0.058
51.40
0.68
175.57
15
0.93
148.54
0.72
17.87
0.061
50.66
0.69
173.37
16
0.94
143.75
0.67
12.61
0.062
47.94
0.71
171.14
17
0.94
140.71
0.62
7.15
0.063
44.66
0.72
168.48
18
0.94
136.72
0.56
2.33
0.065
40.30
0.74
166.01
19
0.95
132.10
0.51
-3.25
0.064
41.04
0.76
163.20
20
0.96
131.00
0.46
-7.07
0.063
37.85
0.77
161.05
21
0.96
128.78
0.41
-10.67
0.064
35.99
0.78
158.85
22
0.96
126.73
0.37
-13.78
0.063
35.56
0.79
157.27
23
0.95
127.90
0.33
-15.97
0.064
32.67
0.80
154.94
24
0.95
126.96
0.30
-17.87
0.064
27.92
0.82
154.34
25
0.96
127.60
0.27
-19.52
0.061
28.05
0.82
153.29
26
0.95
130.57
0.25
-18.60
0.058
37.30
0.83
153.31
Note: S-parameters include bond wires. Reference planes are at edge of substrates shown on “Wire Bonding Information” figure below.
www.berex.com
BeRex, Inc. 3350 Scot Blvd. #61-01 Santa Clara, CA 95054 tel. (408) 452-5595
January 2015
Specifications are subject to change without notice. ©BeRex 2015
Rev. 1.7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com