Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP160C Datasheet(PDF) 3 Page - BeRex Corporation

Part # BCP160C
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP160C Datasheet(HTML) 3 Page - BeRex Corporation

  BCP160C Datasheet HTML 1Page - BeRex Corporation BCP160C Datasheet HTML 2Page - BeRex Corporation BCP160C Datasheet HTML 3Page - BeRex Corporation BCP160C Datasheet HTML 4Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.berex.com
BeRex, Inc. 3350 Scott Blvd. #6101 Santa Clara 95054 tel. (408) 452-5595
February 2017
Specifications are subject to change without notice. ©BeRex 2017
Rev. 1.1
BCP160C
S-PARAMETERS (Vds = 8V, Ids = 240mA)
FREQ.
[GHZ]
S11
[MAG]
S11
[ANG.]
S21
[MAG]
S21
[ANG.]
S12
[MAG]
S12
[ANG.]
S22
[MAG]
S22
[ANG.]
1.0
0.88
-116.24
14.15
114.87
0.029
39.20
0.24
-93.87
2.0
0.87
-149.90
8.01
93.59
0.032
28.02
0.22
-119.96
3.0
0.87
-165.65
5.49
80.76
0.033
22.51
0.24
-129.08
4.0
0.87
-175.91
4.14
70.78
0.033
29.86
0.26
-134.61
5.0
0.87
176.26
3.30
61.79
0.036
30.60
0.29
-138.23
6.0
0.88
169.76
2.71
53.37
0.035
35.12
0.32
-141.60
7.0
0.89
164.06
2.30
45.71
0.038
38.34
0.36
-145.15
8.0
0.89
159.00
1.98
38.27
0.039
40.63
0.39
-148.78
9.0
0.90
153.83
1.72
30.76
0.041
42.24
0.43
-152.01
10.0
0.90
149.26
1.51
23.89
0.044
43.39
0.46
-155.40
11.0
0.91
145.36
1.32
17.52
0.045
45.86
0.49
-159.65
12.0
0.92
142.05
1.16
11.07
0.049
45.60
0.53
-163.66
13.0
0.93
139.06
1.03
5.45
0.050
42.45
0.56
-167.37
14.0
0.93
136.60
0.92
0.19
0.054
46.91
0.59
-171.63
15.0
0.94
133.31
0.83
-5.60
0.057
43.45
0.62
-174.82
16.0
0.94
130.90
0.75
-10.81
0.058
42.52
0.65
-178.30
17.0
0.95
128.66
0.67
-15.36
0.060
39.69
0.68
177.91
18.0
0.95
125.30
0.61
-21.03
0.065
39.85
0.71
174.26
19.0
0.95
123.64
0.55
-25.48
0.066
36.99
0.74
170.89
20.0
0.96
121.32
0.49
-30.02
0.069
36.21
0.77
167.35
21.0
0.95
120.06
0.44
-33.32
0.067
33.87
0.79
164.73
22.0
0.94
118.56
0.39
-36.86
0.075
33.57
0.82
162.10
23.0
0.93
116.47
0.36
-40.62
0.082
32.17
0.83
159.06
24.0
0.93
115.13
0.32
-44.10
0.081
25.12
0.84
156.10
25.0
0.92
115.07
0.28
-45.66
0.077
26.23
0.85
153.65
26.0
0.94
112.11
0.24
-45.29
0.078
30.69
0.85
150.75
Note: S-parameters include bond wires. Reference planes are at edge of substrates shown on “Wire Bonding Information” figure below.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com