Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP080T Datasheet(PDF) 3 Page - BeRex Corporation

Part # BCP080T
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP080T Datasheet(HTML) 3 Page - BeRex Corporation

  BCP080T_15 Datasheet HTML 1Page - BeRex Corporation BCP080T_15 Datasheet HTML 2Page - BeRex Corporation BCP080T_15 Datasheet HTML 3Page - BeRex Corporation BCP080T_15 Datasheet HTML 4Page - BeRex Corporation BCP080T_15 Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BCP080T
PIN_POUT/Gain, PAE (18 GHz)
Frequency = 18GHz
Vds = 8 V, Ids = 50% Idss (Tuned for Power)
Frequency = 18GHz
Vds = 8 V, Ids = 50% Idss (Tuned for Gain)
S-PARAMETER (Vds = 8V, Ids = 50% Idss)
FREQ.
[GHZ]
S11
[MAG]
S11
[ANG.]
S21
[MAG]
S21
[ANG.]
S12
[MAG]
S12
[ANG.]
S22
[MAG]
S22
[ANG.]
1
0.88
-76.19
15.20
133.42
0.024
52.92
0.33
-48.85
2
0.80
-122.05
10.28
107.10
0.026
39.88
0.23
-79.11
3
0.78
-150.41
7.46
90.51
0.028
32.53
0.18
-100.71
4
0.78
-169.11
5.73
78.17
0.032
27.33
0.15
-118.62
5
0.78
177.02
4.62
67.37
0.033
26.98
0.15
-135.40
6
0.79
165.27
3.82
57.85
0.037
26.66
0.16
-148.85
7
0.81
156.52
3.20
49.39
0.039
26.35
0.18
-160.17
8
0.82
147.81
2.79
41.06
0.040
27.57
0.20
-167.44
9
0.84
140.62
2.44
33.85
0.045
26.68
0.22
-176.73
10
0.84
134.26
2.17
26.58
0.048
26.40
0.24
177.83
11
0.86
126.33
1.94
18.60
0.052
24.32
0.26
171.10
12
0.87
119.77
1.73
10.95
0.054
22.92
0.29
165.39
13
0.89
114.17
1.56
4.42
0.056
20.74
0.32
158.94
14
0.89
107.48
1.41
-3.40
0.058
17.25
0.35
152.81
15
0.90
102.39
1.24
-10.36
0.061
15.12
0.39
146.64
16
0.92
98.18
1.12
-16.82
0.062
12.32
0.44
140.53
17
0.93
93.38
0.99
-24.48
0.063
7.68
0.48
135.58
18
0.93
92.33
0.86
-28.98
0.065
8.39
0.52
130.41
19
0.93
90.25
0.76
-34.74
0.064
6.46
0.56
125.87
20
0.94
86.43
0.67
-40.26
0.063
6.69
0.61
122.41
21
0.95
87.08
0.57
-43.33
0.064
4.00
0.64
119.62
22
0.94
88.18
0.51
-46.45
0.063
3.40
0.66
117.23
23
0.94
87.44
0.44
-49.43
0.064
2.63
0.70
115.29
24
0.94
90.11
0.39
-50.10
0.064
1.51
0.73
114.62
25
0.94
91.60
0.35
-52.21
0.061
4.83
0.75
113.64
26
0.95
90.36
0.31
-52.11
0.058
10.58
0.76
114.36
Note: S-parameters include bond wires. Reference planes are at edge of substrates shown on “Wire Bonding Information” figure below.
www.berex.com
BeRex, Inc. 3350 Scot Blvd. #61-01 Santa Clara, CA 95054 tel. (408) 452-5595
January 2015
Specifications are subject to change without notice. ©BeRex 2015
Rev. 1.7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com