Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP060T2 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BCP060T2
Description  HIGH EFFICIENCY pHEMT POWER FET CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP060T2 Datasheet(HTML) 1 Page - BeRex Corporation

  BCP060T2 Datasheet HTML 1Page - BeRex Corporation BCP060T2 Datasheet HTML 2Page - BeRex Corporation BCP060T2 Datasheet HTML 3Page - BeRex Corporation BCP060T2 Datasheet HTML 4Page - BeRex Corporation BCP060T2 Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HIGH EFFICIENCY pHEMT POWER FET CHIP (.25µm x 600µm)
The BeRex BCP060T2 is a GaAs Power pHEMT with a nominal 0.25 micron gate length and 600 micron gate width
making it ideally suited for applications requiring high-gain and medium power in the 1000 MHz to 26.5 GHz
frequency range. The product may be used in either wideband (6-18 GHz) or narrow-band applications. The
BCP060T2 is produced using state of the art metallization with SI3N4 passivation and is screened to assure reliability.
DC CHARACTERISTICS Ta = 25° C
SYMBOL
PARAMETER/TEST CONDITIONS
MIN.
TYPICAL
MAX.
UNIT
Idss
Saturated Drain Current (Vgs = 0V, Vds = 2V)
120
180
240
mA
Gm
Transconductance (Vds = 3V, Vgs = 50% Idss)
240
mS
Vp
Pinch-off Voltage (Ids = 0.6 mA, Vds = 2V)
- 2.5
-1.1
- 0.5
V
BVgd
Drain Breakdown Voltage (Ig = 0.6 mA, source open)
-16
-12
V
BVgs
Source Breakdown Voltage (Ig = 0.6 mA, drain open)
-14
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
65
°C/W
ELECTRICAL CHARACTERISTIC (TUNED FOR POWER) Ta = 25° C
SYMBOL
PARAMETER/TEST CONDITIONS
TEST
FREQ.
MIN.
TYPICAL
MAX.
UNIT
P1dB
Output Power @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHz
18 GHz
27.5
27.5
29.0
29.0
dBm
G1dB
Gain @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHz
18 GHz
11.0
8.0
12.0
9.0
dB
PAE
PAE @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHz
18 GHz
65
60
%
BCP060T2
PRODUCT FEATURES
•
29 dBm Typical Output Power
•
12 dB Typical Power Gain @ 12 GHz
•
0.25 X 600 Micron Recessed Gate
• 2 Gate Pads / 2 Drain Pads
APPLICATIONS
•
Commercial
•
Military / Hi-Rel.
•
Test & Measurement
www.berex.com
BeRex, Inc. 3350 Scot Blvd. #61-01 Santa Clara, CA 95054 tel. (408) 452-5595
January 2015
Specifications are subject to change without notice. ©BeRex 2015
Rev. 1.7


Similar Part No. - BCP060T2

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCP060T BEREX-BCP060T Datasheet
629Kb / 5P
HIGH EFFICIENCY pHEMT POWER FET CHIP
BCP060T BEREX-BCP060T Datasheet
435Kb / 5P
HIGH EFFICIENCY pHEMT POWER FET CHIP
BCP060T-70 BEREX-BCP060T-70 Datasheet
866Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET
BCP060T-70 BEREX-BCP060T-70 Datasheet
715Kb / 8P
HIGH EFFICIENCY HETEROJUNCTION POWER FET
BCP060T-70 BEREX-BCP060T-70_15 Datasheet
715Kb / 8P
HIGH EFFICIENCY HETEROJUNCTION POWER FET
More results

Similar Description - BCP060T2

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCP120T BEREX-BCP120T Datasheet
692Kb / 5P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP240T BEREX-BCP240T Datasheet
578Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP060T BEREX-BCP060T Datasheet
629Kb / 5P
HIGH EFFICIENCY pHEMT POWER FET CHIP
BCP160C BEREX-BCP160C Datasheet
373Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP080T BEREX-BCP080T_15 Datasheet
432Kb / 5P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP060T BEREX-BCP060T_15 Datasheet
435Kb / 5P
HIGH EFFICIENCY pHEMT POWER FET CHIP
BCF020T BEREX-BCF020T_18 Datasheet
401Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C_18 Datasheet
305Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP040C BEREX-BCP040C_18 Datasheet
329Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP160C BEREX-BCP160C_18 Datasheet
383Kb / 4P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com