Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP040T Datasheet(PDF) 3 Page - BeRex Corporation

Part # BCP040T
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP040T Datasheet(HTML) 3 Page - BeRex Corporation

  BCP040T Datasheet HTML 1Page - BeRex Corporation BCP040T Datasheet HTML 2Page - BeRex Corporation BCP040T Datasheet HTML 3Page - BeRex Corporation BCP040T Datasheet HTML 4Page - BeRex Corporation BCP040T Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BCP040T
PIN_POUT/Gain, PAE (18 GHz)
Frequency = 18GHz
Vds = 8 V, Ids = 50% Idss (Tuned for Power)
Frequency = 18GHz
Vds = 8 V, Ids = 50% Idss (Tuned for Gain)
S-PARAMETER (Vds = 8V, Ids = 50% Idss)
FREQ.
[GHZ]
S11
[MAG]
S11
[ANG.]
S21
[MAG]
S21
[ANG.]
S12
[MAG]
S12
[ANG.]
S22
[MAG]
S22
[ANG.]
1
0.96
-38.95
10.74
154.03
0.024
67.870
0.63
-16.38
2
0.90
-72.73
9.35
132.90
0.041
51.922
0.56
-28.82
3
0.84
-100.58
7.93
115.40
0.052
40.124
0.49
-38.66
4
0.80
-124.51
6.72
100.84
0.058
30.602
0.43
-45.59
5
0.79
-144.07
5.75
88.09
0.060
22.712
0.38
-51.83
6
0.77
-160.36
4.94
77.17
0.061
17.573
0.34
-56.32
7
0.77
-175.12
4.30
67.14
0.061
13.087
0.31
-60.95
8
0.78
172.50
3.77
57.90
0.060
8.273
0.29
-66.49
9
0.79
161.60
3.33
49.47
0.058
5.197
0.27
-71.96
10
0.80
151.54
2.95
41.38
0.056
2.259
0.25
-78.38
11
0.82
143.51
2.62
33.87
0.055
0.457
0.23
-86.25
12
0.84
137.56
2.35
27.30
0.054
-1.309
0.22
-93.90
13
0.85
131.64
2.11
20.76
0.052
-2.402
0.21
-103.35
14
0.87
126.69
1.91
14.58
0.052
-3.289
0.20
-116.08
15
0.88
122.78
1.76
9.18
0.052
-4.234
0.20
-125.70
16
0.89
118.31
1.61
3.27
0.052
-4.521
0.20
-137.48
17
0.90
114.15
1.50
-2.94
0.053
-6.342
0.21
-150.51
18
0.91
111.19
1.37
-8.97
0.054
-7.516
0.23
-162.04
19
0.92
106.48
1.25
-15.31
0.055
-8.383
0.24
-170.91
20
0.92
104.43
1.16
-21.21
0.057
-10.277
0.27
178.56
21
0.92
102.30
1.06
-26.28
0.057
-8.773
0.31
169.29
22
0.91
99.92
0.97
-31.27
0.059
-9.308
0.34
161.39
23
0.92
98.63
0.89
-35.98
0.060
-10.045
0.38
154.95
24
0.91
96.95
0.81
-40.77
0.059
-10.944
0.42
148.51
25
0.92
95.77
0.73
-45.07
0.058
-8.730
0.45
143.09
26
0.92
95.87
0.66
-48.56
0.058
-3.981
0.48
138.86
Note: S-parameters include bond wires. Reference planes are at edge of substrates shown on “Wire Bonding Information” figure below.
www.berex.com
BeRex, Inc. 3350 Scot Blvd. #61-01 Santa Clara, CA 95054 tel. (408) 452-5595
January 2015
Specifications are subject to change without notice. ©BeRex 2015
Rev. 1.7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com