Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP030C Datasheet(PDF) 3 Page - BeRex Corporation

Part # BCP030C
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP030C Datasheet(HTML) 3 Page - BeRex Corporation

  BCP030C Datasheet HTML 1Page - BeRex Corporation BCP030C Datasheet HTML 2Page - BeRex Corporation BCP030C Datasheet HTML 3Page - BeRex Corporation BCP030C Datasheet HTML 4Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.berex.com
BeRex, Inc. 3350 Scott Blvd. #6101 Santa Clara 95054 tel. (408) 452-5595
February 2017
Specifications are subject to change without notice. ©BeRex 2017
Rev. 1.1
BCP030C
S-PARAMETERS (Vds = 8V, Ids = 45mA)
FREQ.
[GHZ]
S11
[MAG]
S11
[ANG.]
S21
[MAG]
S21
[ANG.]
S12
[MAG]
S12
[ANG.]
S22
[MAG]
S22
[ANG.]
1.0
0.98
-23.86
7.38
162.50
0.014
74.60
0.81
-6.76
2.0
0.94
-46.46
7.02
146.70
0.030
66.16
0.79
-13.54
3.0
0.89
-69.03
6.57
131.52
0.038
55.17
0.75
-19.74
4.0
0.84
-91.85
6.05
117.38
0.046
47.41
0.71
-23.65
5.0
0.79
-113.68
5.52
103.92
0.054
38.46
0.67
-27.78
6.0
0.76
-134.40
4.98
91.19
0.056
30.31
0.63
-31.80
7.0
0.75
-153.92
4.49
79.98
0.057
24.78
0.60
-34.64
8.0
0.74
-170.69
4.01
69.58
0.056
19.61
0.57
-37.56
9.0
0.75
174.28
3.58
59.64
0.056
14.51
0.55
-41.45
10.0
0.76
161.67
3.21
50.90
0.051
10.25
0.53
-44.56
11.0
0.77
150.68
2.88
42.68
0.050
9.53
0.52
-48.73
12.0
0.79
140.76
2.61
34.50
0.049
8.41
0.51
-53.13
13.0
0.81
131.79
2.38
27.20
0.049
6.81
0.49
-57.19
14.0
0.83
124.13
2.16
20.07
0.049
3.22
0.47
-61.62
15.0
0.85
116.58
1.97
12.99
0.046
4.27
0.46
-66.25
16.0
0.86
110.76
1.79
6.68
0.047
5.07
0.44
-71.83
17.0
0.88
106.16
1.66
0.71
0.049
3.61
0.43
-79.17
18.0
0.89
100.57
1.52
-6.23
0.051
1.39
0.42
-86.51
19.0
0.90
96.91
1.39
-12.56
0.051
2.67
0.42
-95.77
20.0
0.91
93.43
1.26
-18.91
0.051
-1.59
0.41
-107.58
21.0
0.90
91.80
1.15
-24.47
0.054
-0.89
0.42
-118.49
22.0
0.90
90.93
1.05
-29.70
0.054
-1.15
0.44
-129.50
23.0
0.89
90.40
0.95
-35.59
0.058
-2.37
0.46
-140.82
24.0
0.90
90.80
0.87
-39.96
0.056
0.12
0.48
-151.10
25.0
0.90
91.15
0.80
-44.03
0.052
-1.19
0.51
-159.63
26.0
0.92
90.01
0.72
-48.59
0.059
1.93
0.55
-168.32
Note: S-parameters include bond wires. Reference planes are at edge of substrates shown on “Wire Bonding Information” figure below.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com