Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP020T Datasheet(PDF) 2 Page - BeRex Corporation

Part # BCP020T
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP020T Datasheet(HTML) 2 Page - BeRex Corporation

  BCP020T Datasheet HTML 1Page - BeRex Corporation BCP020T Datasheet HTML 2Page - BeRex Corporation BCP020T Datasheet HTML 3Page - BeRex Corporation BCP020T Datasheet HTML 4Page - BeRex Corporation BCP020T Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BCP020T
ELECTRICAL CHARACTERISTICS (TUNED FOR GAIN) Ta = 25° C
SYMBOL
PARAMETER/TEST CONDITIONS
TEST
FREQ.
MIN.
TYPICAL
MAX.
UNIT
P1dB
Output Power @ P1dB (Vds = 8V, Ids = 50%
Idss)
12 GHz
18 GHz
20.0
21.0
21.0
dBm
G1dB
Gain @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHz
18 GHz
15.5
17.0
13.0
dB
PAE
PAE @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHz
18 GHz
45
45
%
NF
50 Ohm Noise Figure (Vds=2V, Ids=10 mA)
12 GHz
1.09
dB
MAXIMUM RATINGS (Ta = 25° C)
SYMBOLS
PARAMETERS
ABSOLUTE
CONTINUOUS
Vds
Vgs
Ids
Igsf
Pin
Tch
Tstg
Pt
Drain-Source Voltage
Gate-Source Voltage
Drain Current
Forward Gate Current
Input Power
Channel Temperature
Storage Temperature
Total Power Dissipation
12 V
-6 V
Idss
11 mA
17 dBm
175° C
-60° C - 150° C
1.0 W
8 V
-3 V
Idss
2 mA
@ 3dB compression
150° C
-60° C - 150° C
0.8 W
Exceeding any of the above Maximum Ratings will result in reduced MTTF and may cause permanent damage to the device.
PIN_POUT/Gain, PAE (12 GHz)
Frequency = 12GHz
Vds = 8 V, Ids = 50% Idss (Tuned for Power)
Frequency = 12GHz
Vds = 8 V, Ids = 50% Idss (Tuned for Gain)
www.berex.com
BeRex, Inc. 3350 Scot Blvd. #61-01 Santa Clara, CA 95054 tel. (408) 452-5595
January 2015
Specifications are subject to change without notice. ©BeRex 2015
Rev. 1.7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com