Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC520 Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 35Page - Advanced Micro Devices ELANSC520 Datasheet HTML 36Page - Advanced Micro Devices ELANSC520 Datasheet HTML 37Page - Advanced Micro Devices ELANSC520 Datasheet HTML 38Page - Advanced Micro Devices ELANSC520 Datasheet HTML 39Page - Advanced Micro Devices ELANSC520 Datasheet HTML 40Page - Advanced Micro Devices ELANSC520 Datasheet HTML 41Page - Advanced Micro Devices ELANSC520 Datasheet HTML 42Page - Advanced Micro Devices ELANSC520 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 440 page
background image
System Address Mapping Registers
Élan™SC520 Microcontroller Register Set Manual
2-7
28
–26
ATTR[2
–0]
Attribute
If the TARGET bit field selects the PCI bus (for PAR0 and PAR1 only), this bit field (ATTR) is
ignored.
If the TARGET bit field selects GP bus I/O or memory, this bit field (ATTR) specifies the GP
bus chip select that is targeted, as follows:
000 = GPCS0
001 = GPCS1
010 = GPCS2
011 = GPCS3
100 = GPCS4
101 = GPCS5
110 = GPCS6
111 = GPCS7
If the TARGET bit field selects SDRAM or one of the ROM/Flash chip selects, each bit in this
bit field (ATTR) specifies an attribute. The attribute bits for the region can be set or cleared
independently, with the following effect:
0xx = Code execution is allowed in programmed memory region.
1xx = Code execution is prevented in programmed memory region. An attempt to execute
code results in a processor exception and returns an illegal operand code (FFFFh).
This attribute is useful for debugging software; for example, to prevent a program from
erroneously executing out of a data region.
x0x = Caching is enabled for the programmed memory region (Am5x86 CPU cache).
x1x = Caching is disabled for the programmed memory region. This attribute can be used to
minimize cache write-back cycle overhead in regions that are shared between the
Am5x86 CPU and PCI bus masters or GP bus DMA devices.
Software must flush the cache immediately after setting this attribute.
xx0 = Writes are enabled in the programmed memory region.
xx1 = Write protection is enabled (writes are disabled) in the programmed memory region.
Write protection prevents writes from occurring in the region’s address range. Write-
protect violations are reported by the WPVSTA register (see page 2-4), and a
corresponding interrupt can be enabled via the WPV_INT_ENB bit in the ADDDECCTL
register (see page 2-2).
25
PG_SZ
Page Size
This bit selects the page size of the memory region defined by the SZ_ST_ADR bit field. This
bit is ignored during I/O cycles.
0 = 4-Kbyte page size selected
1 = 64-Kbyte page size selected
Each PARx window’s total size in memory space is defined by the combined settings of the
PG_SZ and SZ_ST_ADR bit fields. The PG_SZ bit value affects the window start address
resolution, the window size resolution, and the total size that is possible for the window.
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com