Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2228CSZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL2228CSZ
Description  Dual Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2228CSZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL2228CSZ Datasheet HTML 2Page - Intersil Corporation EL2228CSZ Datasheet HTML 3Page - Intersil Corporation EL2228CSZ Datasheet HTML 4Page - Intersil Corporation EL2228CSZ Datasheet HTML 5Page - Intersil Corporation EL2228CSZ Datasheet HTML 6Page - Intersil Corporation EL2228CSZ Datasheet HTML 7Page - Intersil Corporation EL2228CSZ Datasheet HTML 8Page - Intersil Corporation EL2228CSZ Datasheet HTML 9Page - Intersil Corporation EL2228CSZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
1MHz 2nd and 3rd Harmonic Distortion vs Output
Swing (VS = ±2.5V)
-50
-60
-70
-80
-90
-100
-110
Output Swing (VPP)
1MHz 2nd and 3rd Harmonic Distortion vs Output
Swing (VS = ±12V)
-40
-50
-60
-70
-80
-90
-100
08
Output Swing (VPP)
20
12
416
2ndHD
3rdHD
01
2.5
1.5
0.5
2
2ndHD
3rdHD
Voltage and Current Noise vs Frequency
18
16
14
12
10
8
6
4
2
0
10
100
10k
Frequency (Hz)
100k
Channel to Channel Isolation vs Frequency
0
-20
-40
-60
-80
-100
100k
1M
10M
Frequency (Hz)
100M
A
→ B
B
→ C
1k
EN
IN
1MHz 2nd and 3rd Harmonic Distortion vs Output
Swing (Single-Ended)
-50
-60
-80
-100
-110
Output Swing (VPP)
20
48
12
16
0
-120
1MHz 2nd and 3rd Harmonic Distortion vs Output
Swing (Single-Ended)
-50
-60
-80
-90
-100
Output Swing (VPP)
2.5
0.5
1
1.5
2
0
-110
VS = ±12V
AV = 2
RF = 420Ω
-70
-90
VS = ±2.5V
AV = 2
RF = 420Ω
-70
2ndHD
3rdHD
2ndHD
3rdHD
3dB Bandwidth vs Temperature
VS = ±5V
100
80
70
60
Junction Temperature (°C)
160
10
60
110
-40
50
90
Supply Current vs Temperature
VS = ±12V
11
10
Junction Temperature (mA)
150
0100
-50
0
9
50
7
Typical Performance Curves (Continued)
EL2228



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com