Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL6915CLZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL6915CLZ
Description  Laser Diode Driver w/ Waveform Generator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6915CLZ Datasheet(HTML) 1 Page - Intersil Corporation

  EL6915CLZ Datasheet HTML 1Page - Intersil Corporation EL6915CLZ Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
®
FN7276.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002-2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL6915
Laser Diode Driver w/ Waveform Generator
The EL6915 is a highly integrated
laser diode driver designed to support
multi-standard writable optical drives.
It accomplishes this by incorporating a waveform generator
wherein the diode currents and timing details can be
programmed before operation. The data input circuitry
inspects the NRZ serial data waveform and generates
programmed waveforms in recognition of 3, 4, 5, or 6 or
more clock periods of space changing to 3, 4, 5, or 6 or more
clock periods of mark, and vice versa. The part also has an
IV amplifier with concurrent read and write sampling. The
gains of the IV amplifier are programmable, eliminating the
need for external potentiometers.
The architecture allows reprogramming of the timers to
support different media, DVD or CD standards, and different
speeds. The programming is accomplished through a serial
interface port. Two outputs are provided to support dual-
laser multi-standard optical heads. The clock and NRZ
inputs can be either standard CMOS or LVDS, selectable
through a program bit.
The EL6915 operates on a 5V supply for the analog circuits
and a 3.3V supply for the digital circuits.
Features
• Complete programmable laser diode driver
• 350mA maximum total output
• 8-bit x 8-bit multiplying DAC output provides 8-bit full scale
adjustment and 8-bit resolution at any full scale output
• 100ps timer resolution
• Two laser outputs allows read/ write DVD and CD
combinations
• Programmable waveform values support CD-R, CD-RW,
DVD-RAM, DVD-R, DVD-RW, DVD+R, and DVD+RW
• Two analog inputs support slope and read APC
• HFM oscillator programmable to 100mAP-P from 100MHz
to 500MHz
• PLL allows reduced-frequency clock on flex cable
• Separate serial input works up to 100MHz
• Dual sampled IV amplifier with programmable sample
select and gain select
• Programmable HFM offset when HFM is off
• Pb-free available
Applications
• Combination DVD writable and CD writable drives
• DVD camcorders
• DVD video recorders
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL6915CL
38-Pin QFN
-
MDP0046
EL6915CL-T7
38-Pin QFN
7”
MDP0046
EL6915CL-T13
38-Pin QFN
13”
MDP0046
EL6915CLZ
(Note)
38-Pin QFN
(Pb-Free)
-
MDP0046
EL6915CLZ-T7
(Note)
38-Pin QFN
(Pb-Free)
7”
MDP0046
EL6915CLZ-T13
(Note)
38-Pin QFN
(Pb-Free)
13”
MDP0046
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
Data Sheet
July 7, 2004
Get FULL DATASHEET


Similar Part No. - EL6915CLZ

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
EL6910 BECKHOFF-EL6910 Datasheet
7Mb / 144P
TwinSAFE Logic Terminal
More results

Similar Description - EL6915CLZ

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6291C ELANTEC-EL6291C Datasheet
138Kb / 2P
Laser Diode Driver with Waveform Generator
logo
Intersil Corporation
EL6935 INTERSIL-EL6935 Datasheet
92Kb / 2P
Laser Diode Driver w/Waveform Generator
October 4, 2004
EL6938 INTERSIL-EL6938 Datasheet
95Kb / 2P
Laser Diode Driver with Waveform Generator
June 24, 2004
EL6196 INTERSIL-EL6196 Datasheet
44Kb / 2P
Laser Diode Driver with Waveform Generator
July 8, 2004
EL6196A INTERSIL-EL6196A Datasheet
44Kb / 2P
Laser Diode Driver with Waveform Generator
September 1, 2004
EL6293 INTERSIL-EL6293 Datasheet
45Kb / 2P
Laser Diode Driver with Waveform Generator
July 15, 2004
EL6298 INTERSIL-EL6298 Datasheet
44Kb / 2P
Laser Diode Driver with Waveform Generator
July 15, 2004
EL6900 INTERSIL-EL6900 Datasheet
25Kb / 2P
Laser Diode Driver with Waveform Generator
July 15, 2004
EL6934 INTERSIL-EL6934 Datasheet
96Kb / 2P
Laser Diode Driver with Waveform Generator
March 17, 2004
EL6934A INTERSIL-EL6934A Datasheet
99Kb / 2P
Laser Diode Driver with Waveform Generator
July 26, 2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com