Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74651174R Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74651174R
Description  REDCUBE THR with external thread WP-THRSH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74651174R Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74651174R Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74651174R Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74651174R Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74651174R Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74651174R Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74651174R Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Packaging Specification - Tape and Reel: [mm]
T
T1
T2
K0
P1
A0
P2
P0
D0
NO COMPONENT
min.160mm
COMPONENTS
NO COMPONENT
min.100mm
COVER TAPE
min. 400mm
Start
Feeding direction
End
D1
B0
A
A
Packaging is reffered to the international standard IEC 60286-3:2013
A0
B0
B1
G
W
T
T1
T2
K0
P0
P1
P2
D0
D1
E1
E2
F
Tape Type 2a
VPE / packaging unit
tolerance
+0,2 +0,3 typ.
min. ±0,3 max. max. max. +0,2 typ. ±0,1 typ. +0,1 typ. +0,1/ -0,0
min.
typ.
pcs.
size
74651174
7,20 14,20 20,10 0,75 24,00 0,60 0,10 12,50 11,80 4,00 16,00 2,00 1,50 1,50 1.75
22,50 11,50 Polystyrene
350
165° - 180°
Pull-of force
Tape width
24 mm
0,1 N - 1,3 N
B
C
W3
W2
W1
close to center
A
B
C
D
N
W1
W2
W3
W3
tolerance
± 2,0
min.
min.
min.
± 2,0
+ 2
max.
min.
max.
Tape width
24mm
330,00
1,50
12,80
20,20
60,00
24,40
30,40
23,90
27,40
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
DaMa
WlW
DIN ISO 2768-1m
DESCRIPTION
REDCUBE THR with external
thread WP-THRSH
ORDER CODE
74651174R
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
001.001
Valid
2017-03-31
eiCan
2/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com