Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA180 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA180
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA180 Datasheet(HTML) 1 Page - Texas Instruments

  INA180 Datasheet HTML 1Page - Texas Instruments INA180 Datasheet HTML 2Page - Texas Instruments INA180 Datasheet HTML 3Page - Texas Instruments INA180 Datasheet HTML 4Page - Texas Instruments INA180 Datasheet HTML 5Page - Texas Instruments INA180 Datasheet HTML 6Page - Texas Instruments INA180 Datasheet HTML 7Page - Texas Instruments INA180 Datasheet HTML 8Page - Texas Instruments INA180 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
INA2180 (dual-channel)
INA180 (single-channel)
Power Supply, VS
2.7 V to 5.5 V
ADC
Microcontroller
Bus Voltage, VCM
Up To 26 V
RSENSE
GND
VS
Load
IN±
IN+
OUT
+
±
CBYPASS
0.1 µF
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
INA180, INA2180
SBOS741A – APRIL 2017 – REVISED AUGUST 2017
INAx180 Low- and High-Side Voltage Output,
Current-Sense Amplifier
1
1 Features
1
•
Common-Mode Range (VCM): –0.2 V to +26 V
•
High Bandwidth: 350 kHz
•
Offset Voltage:
–
±150 µV (Max) at VCM = 0 V
–
±500 µV (Max) at VCM = 12 V
•
Output Slew Rate: 2 V/µs
•
Accuracy:
–
±1% Gain Error (Max)
–
1-µV/°C Offset Drift (Max)
•
Gain Options:
–
20 V/V (A1 Devices)
–
50 V/V (A2 Devices)
–
100 V/V (A3 Devices)
–
200 V/V (A4 Devices)
•
Quiescent Current: 260 µA (Max)
2 Applications
•
Motor Control
•
Battery Monitoring
•
Power Management
•
Lighting Control
•
Overcurrent Detection
•
Solar Inverters
3 Description
The INA180 and INA2180 (INAx180) current sense
amplifiers
are
designed
for
cost-optimized
applications. These devices are part of a family of
current-sense amplifiers (also called current-shunt
monitors) that sense voltage drops across current-
sense resistors at common-mode voltages from –0.2
V to +26 V, independent of the supply voltage. The
INAx180 integrate a matched resistor gain network in
four, fixed-gain device options: 20 V/V, 50 V/V, 100
V/V, or 200 V/V. This matched gain resistor network
minimizes gain error and reduces the temperature
drift.
Both the INA180 and INA2180 operate from a single
2.7-V to 5.5-V power supply. The single-channel
INA180 draws a maximum supply current of 260 µA;
whereas,
the
dual-channel
INA2180
draws
a
maximum supply current of 520 µA..
The INA180 is available in a 5-pin, SOT-23 package
with two different pin configurations. The INA2180 is
available in an 8-pin VSSOP package. All device
options are specified over the extended operating
temperature range of –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA180
SOT-23 (5)
2.90 mm × 1.60 mm
INA2180(2)
VSSOP (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the package option addendum
at the end of the datasheet.
(2) INA2180 is preview device.
Typical Application Circuit


Similar Part No. - INA180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA180 TI1-INA180 Datasheet
1Mb / 30P
Low- and High-Side Voltage Output, Current-Sense Amplifier
INA180 TI1-INA180 Datasheet
1Mb / 38P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180 Datasheet
1Mb / 40P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180 Datasheet
1Mb / 39P
Automotive, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180 Datasheet
1Mb / 41P
Automotive, low- and high-side voltage output, current-sense amplifiers
More results

Similar Description - INA180

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4073T MAXIM-MAX4073T Datasheet
261Kb / 10P
Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
19-2048; Rev 0; 4/01
logo
Analog Devices
ADM4073 AD-ADM4073 Datasheet
263Kb / 12P
Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
7/06-Revision 0
logo
Semtech Corporation
SC310 SEMTECH-SC310 Datasheet
850Kb / 12P
High-Side Current-Sense Amplifier with Low Impedance Voltage Output
logo
Analog Devices
ADM4073 AD-ADM4073_15 Datasheet
284Kb / 12P
Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. A
logo
Texas Instruments
INA180 TI1-INA180 Datasheet
1Mb / 30P
Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181 Datasheet
1Mb / 32P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181_17 Datasheet
1Mb / 34P
INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA180_017 TI1-INA180_017 Datasheet
1Mb / 38P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_18 Datasheet
1Mb / 40P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_V01 Datasheet
2Mb / 51P
INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com