Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB22 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSUSB22
Description  Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB22 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSUSB22 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 2Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 3Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 7: Typical values are at VCC 3.3V and TA 25qC
USB Related AC Electrical Characteristics (Note 8)
Note 8: Typical values are at VCC 3.3V and TA 25qC
Capacitance (Note 9)
Note 9: Typical values are at VCC 3.3V and TA 25qC
FIGURE 1. Gain vs. Frequency
Symbol
Parameter
VCC
(V)
TA 40qC to 85qC
Units
Conditions
Figure
Number
Min
Typ
(Note 7)
Max
tON
Turn ON Time S-to-Bus B
3.0 to 3.6
4.5
6.0
ns
Figures
5, 6
tOFF
Turn OFF Time S-to-Bus B
3.0 to 3.6
2.5
4.0
ns
Figures
5, 6
tPD
Propagation Delay
3.0 to 3.6
0.25
ns
CL 10 pF
Figure
10
OIRR
Non-Adjacent OFF-Isolation
3.0 to 3.6
55.0
dB
f
10MHz, RL 50:
Figure 7
XTALK
Non-Adjacent Channel Crosstalk
3.0 to 3.6
75.0
dB
RL 50:, f 10MHz
Figure 8
BW
3dB Bandwidth
3.0 to 3.6
750
MHz
RL 50:
Figure 9
Symbol
Parameter
VCC
TA 40qC to 85qC
Units
Conditions
Figure
(V)
Min
Typ
Max
Number
tSK(O)
Channel-to-Channel Skew
3.0 to 3.6
0.051
ns
CL 10 pF
Figures
10, 11
tSK(P)
Skew of Opposite Transition
3.0 to 3.6
0.020
ns
CL 10 pF
Figures
10, 11
of the Same Output
TJ
Total Jitter
3.0 to 3.6
0.210
ns
RL 50:, CL 10 pF
tR tF 750ps at 480 Mbps
Symbol
Parameter
TA 40qC to 85qC
Units
Conditions
Typ
CIN
Control Pin Input Capacitance
2.5
pF
VCC 0V
CON
A/B ON Capacitance
12.0
pF
VCC 3.3V, OE 0V
COFF
Port B OFF Capacitance
4.5
pF
VCC and OE 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com