Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G950 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G950
Description  2.5V 1A Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G950 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G950 Datasheet HTML 1Page - List of Unclassifed Manufacturers G950 Datasheet HTML 2Page - List of Unclassifed Manufacturers G950 Datasheet HTML 3Page - List of Unclassifed Manufacturers G950 Datasheet HTML 4Page - List of Unclassifed Manufacturers G950 Datasheet HTML 5Page - List of Unclassifed Manufacturers G950 Datasheet HTML 6Page - List of Unclassifed Manufacturers G950 Datasheet HTML 7Page - List of Unclassifed Manufacturers G950 Datasheet HTML 8Page - List of Unclassifed Manufacturers G950 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Ver: 1.6
Dec 31, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G950
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
(Note 1)
Input Voltage……………………………………..…..…7V
Power Dissipation Internally Limited ….
(Note 2)
Maximum Junction Temperature…..…………… …..150°C
Storage Temperature Range….…..-65°C
≤ TJ ≤+150°C
Lead Temperature, Time for Wave Soldering
TO 220 Package………………………………260°C, 10s
TO 252, TO 263, SOT 223 Package…….…...260°C, 4s
Continuous Power Dissipation (TA = + 25°C)
SOT 223
(1)……………………….….……….………..0.8W
TO 252
(1)………..……………….……….….………..1.0W
TO 263
(1)………..……………….……….….………..1.6W
Note (1): See Recommended Minimum Footprint.
Operating Conditions
(Note 1)
Input Voltage…………………………………….3.3V~6V
Temperature Range……………………0°C
≤ TJ ≤125°C
Electrical Characteristics
VIN =5V, IO = 1A, CIN = 1µF, COUT =10 µF, All specifications apply for TA = TJ = 25°C. [Note 3]
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN = 5V, 10mA < IO < 1A
Output Voltage
VIN = 3.3V, 10mA < IO < 500mA
2.475
2.50
2.575
V
Line Regulation
3.3V < VIN < 6V, IO = 10mA
3
30
mV
VIN = 5V, 10mA < IO < 1A
35
50
mV
Load Regulation
VIN = 3.3V, 10mA < IO < 500mA
25
mV
Output Impedance
200mA DC and 100mA AC, fo = 120Hz
80
m
Ω
Quiescent Current
VIN = 5V
0.6
mA
Ripple Rejection
fi = 120Hz,Vripple =2VP-P, Io = 100mA
46
dB
IO = 1A
1.15
V
IO = 500mA
420
mV
Dropout Voltage
IO = 100mA
200
mV
Short Circuit Current
1.6
A
Over Temperature
150
°C
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating
Conditions are conditions under which the device functions but the specifications might not be guaranteed. For
guaranteed specifications and test conditions see the Electrical Characteristics.
Note2: The maximum power dissipation is a function of the maximum junction temperature, TJmax ; total thermal re-
sistance,
θJA, and ambient temperature TA. The maximum allowable power dissipation at any ambient tem-
perature is Tjmax-TA /
θJA. If this dissipation is exceeded, the die temperature will rise above 150°C and IC
will go into thermal shutdown. For the G950 in SOT 223 package,
θJA is 156°C/W; in TO 263 package, θJA
is 75°C/W, and in the TO 252 package,
θJA is 125°C/W (See recommend minimum footprint). The safe
operation in SOT 223,TO 252 & TO 263 package, it can see “Typical Performance Characteristics” (Safe
Operating Area).
Note3: Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Note4: The type of output capacitor should be tantalum or aluminum.
Definitions
Dropout Voltage
The input/output Voltage differential at which the
regulator output no longer maintains regulation against
further reductions in input voltage. Measured when the
output drops 100mV below its nominal value. Dropout
voltage is affected by junction temperature, load cur-
rent and minimum input supply requirements.
Line Regulation
The change in output voltage for a change in input
voltage. The measurement is made under conditions
of low dissipation or by using pulse techniques such
that average chip temperature is not significantly af-
fected.
Load Regulation
The change in output voltage for a change in load
current at constant chip temperature. The measure-
ment is made under conditions of low dissipation or by
using pulse techniques such that average chip tem-
perature is not significantly affected.
Maximum Power Dissipation
The maximum total device dissipation for which the
regulator will operate within specifications.
Quiescent Bias Current
Current which is used to operate the regulator chip
and is not delivered to the load.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com