Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB22MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSUSB22MTC
Description  Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB22MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSUSB22MTC Datasheet HTML 1Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 2Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 3Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 4Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 5Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 6Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 7Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 8Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500899
www.fairchildsemi.com
January 2005
Revised February 2005
FSUSB22
Low Voltage Ultra Low Power
USB High Speed (480 Mbps) Dual DPDT Switch
General Description
FSUSB22 is a low power high bandwidth analog switch
specially designed for applications of the switching of high
speed USB 2.0 signals in handset and consumer applica-
tions such as cell phone, digital camera, and notebook with
hubs or controllers of limited USB I/O. The wide bandwidth
(750MHz) of this switch allows signals to pass with mini-
mum edge and phase distortion. Superior channel-to-chan-
nel
crosstalk
results
in
minimal
interference.
It
is
compatible with high speed USB2.0 standard.
Features
s
40dB OFF Isolation at 250MHz
s
40dB non-adjacent channel crosstalk at 250MHz
s 4.5
: typical On Resistance (RON)
s
3dB bandwidth: 750MHz
s Low power consumption (1uA max)
s Control input: TTL compatible
s Bidirectional operation
s USB high speed and full speed signaling capability
Applications
• Cell phone, PDA, digital camera, and notebook
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Order Number
Package Number
Package Description
FSUSB22BQX
MLP016E
Pb-Free 16-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN),
JEDEC MO-241, 2.5 x 3.5mm
FSUSB22QSC
(Preliminary)
MQA16
16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
FSUSB22MTC
(Preliminary)
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide


Similar Part No. - FSUSB22MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB22MTC FAIRCHILD-FSUSB22MTC Datasheet
833Kb / 11P
Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22MTC FAIRCHILD-FSUSB22MTC Datasheet
552Kb / 12P
Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22MTCX FAIRCHILD-FSUSB22MTCX Datasheet
552Kb / 12P
Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22MTCX_NL FAIRCHILD-FSUSB22MTCX_NL Datasheet
833Kb / 11P
Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
More results

Similar Description - FSUSB22MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB20 FAIRCHILD-FSUSB20 Datasheet
720Kb / 11P
Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
logo
ON Semiconductor
NLAS7222B ONSEMI-NLAS7222B Datasheet
816Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2007 - Rev. 1
NLAS7223C ONSEMI-NLAS7223C Datasheet
413Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
October, 2008 ??Rev. 1
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
Union Semiconductor, In...
UM7222 UNIONSEMI-UM7222 Datasheet
200Kb / 10P
High-Speed USB2.0 (480 Mbps) DPDT Switch
logo
ON Semiconductor
NLAS7222BMUTAG ONSEMI-NLAS7222BMUTAG Datasheet
177Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
June, 2011 ??Rev. 5
logo
Union Semiconductor, In...
UM7222MA UNIONSEMI-UM7222MA Datasheet
273Kb / 12P
High-Speed USB2.0 (480 Mbps) DPDT Switch
logo
ON Semiconductor
NL3S2223 ONSEMI-NL3S2223 Datasheet
372Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2016 ??Rev. P0
logo
Savitech Corp.
SV7030 SAVITECH-SV7030 Datasheet
216Kb / 9P
Low Power, Low Attenuation, High-Speed USB 2.0 (480 Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com