Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALN1502AT Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN1502AT
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN1502AT Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN1502AT Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN1502AT Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN1502AT Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN1502AT Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
June 2017
plerowTM ALN1502AT
Internally Matched LNA Module
Item
Voltage
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
4.5
-17.16
-9.28
16.10
0.84
0.643
10.70
24.14
21
4.6
-17.66
-9.36
16.14
0.85
0.621
11.12
24.85
22
4.7
-18.10
-9.42
16.17
0.83
0.622
11.60
25.37
23
4.8
-18.59
-9.47
16.19
0.85
0.627
11.91
25.66
24
4.9
-19.08
-9.52
16.21
0.84
0.627
12.52
26.34
25
5.0
-19.53
-9.57
16.23
0.84
0.636
12.76
26.81
26
5.1
-19.97
-9.59
16.25
0.84
0.632
13.19
27.25
27
5.2
-20.35
-9.63
16.27
0.84
0.620
13.54
27.77
28
5.3
-20.81
-9.64
16.28
0.84
0.627
13.99
27.94
30
5.4
-21.21
-9.68
16.30
0.85
0.634
14.27
28.51
31
5.5
-21.61
-9.68
16.31
0.85
0.631
14.49
28.59
32
Item
Temp.
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
- 40
C
-19.68
-9.52
16.49
0.83
0.374
12.15
26.10
24
- 20
C
-19.68
-9.58
16.44
0.84
0.447
12.45
26.49
25
0
C
-19.70
-9.60
16.36
0.84
0.545
12.68
26.60
26
25
C
-19.75
-9.78
16.05
0.85
0.649
13.22
27.10
26
40
C
-19.54
-9.63
16.11
0.86
0.666
13.24
27.15
27
60
C
-19.29
-9.61
16.03
0.85
0.737
13.18
27.02
28
80
C
-19.05
-9.56
15.89
0.87
0.804
13.08
27.10
28
100
C
-18.76
-9.57
15.83
0.88
0.900
13.11
27.16
29
RF Performance with Voltage Change
RF Performance with Operating Temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com