Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM03A-R5P-S-1 Datasheet(PDF) 1 Page - DDK Ltd.

Part # CM03A-R5P-S-1
Description  DeviceNet Mini-Style Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM03A-R5P-S-1 Datasheet(HTML) 1 Page - DDK Ltd.

  CM03A-R5P-S-1 Datasheet HTML 1Page - DDK Ltd. CM03A-R5P-S-1 Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
CM03A Series(Panel Mount Connector)
DeviceNet Mini-Style Connectors
Rated Current
13A/Contact
Rated Voltage
50V DC
Dielectric Withstanding Voltage  
1,600V AC(r.m.s.) for 1 minute
Insulation Resistance
1,000 ΜΩ Min. at 250V DC
Operating Temperature Range
-40 ℃ to +70 ℃  
Waterproof
IP67 when mated
Pin Contact Size
φ 2.0 mm
Applicable Wire Size
AWG14 max.
No. of Contacts
4 and 5
Item
Receptacle(Pin)
Plug Receptacle(Socket)
Contact
Copper Alloy / Gold Plating
Copper Alloy / Gold Plating
O-Ring
Synthetic Rubber / Black
Insulator
Plastic(UL94V-0) / Gray
Plastic(UL94V-0) / Gray
Shell
Zinc Alloy / Nickel Plating
Zinc Alloy / Nickel Plating
Lock Nut
Steel / Zinc Plating
Steel / Zinc Plating
Gasket
Synthetic Rubber / Black
Synthetic Rubber / Black
RoHS
Compliant
RoHS
Compliant
120920
 The CM03A series is a Mini-style of the panel
mount connector for use in a DeviceNet
communication network. DDK is manufacturing the
receptacles with pin contacts and the plug-receptacles
with socket contacts. The connectors are provided with
a premating contact which is a first make-last break
contact to protect the circuit. When mated, the
premating contact is connected first before the other
contacts are disconnected last when dismated.
Four (4) positions of connectors are available for
DiviceNet power tap as well as five (5) positions of connectors. CM03A series is IP67 rated and can be used
in a wide range of devices and equipment. This series is intermateble with the plug connectors and the jack
connectors in our CM03A series(overmolded cable assemblies) and CM03 series.
・Intermateable with the plug and jack of CM03A cable assemblies and CM03 series
・First make-last break contact to protect the circuit
・Solder termination style
・UL certified (File No. E72124)
Waterproof
IP 67
DeviceNet
Conforming
Standard
Lock Type
Threaded
Coupling
◆ MATERIALS/FINISH
◆ SPECIFICATIONS
◆ FEATURES
◆ OUTLINE


Similar Part No. - CM03A-R5P-S-1

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM03A-R5P-S-1 DDK-CM03A-R5P-S-1 Datasheet
146Kb / 2P
DeviceNet Mini-Style Connectors
More results

Similar Description - CM03A-R5P-S-1

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM02B DDK-CM02B Datasheet
216Kb / 3P
DeviceNet Micro-Style Connectors
CM02 DDK-CM02 Datasheet
301Kb / 6P
DeviceNet Micro-Style Connectors
CM03A DDK-CM03A Datasheet
292Kb / 5P
DeviceNet Mini-style Connectors
CM03A DDK-CM03A_1 Datasheet
146Kb / 2P
DeviceNet Mini-Style Connectors
CM03 DDK-CM03 Datasheet
234Kb / 3P
DeviceNet Mini-Style Connectors
logo
Molex Electronics Ltd.
130025-0073 MOLEX11-130025-0073 Datasheet
33Kb / 2P
DeviceNet Thick Stranded Cable, Double Ended Mini-Change
logo
DDK Ltd.
CM03AA-P4S-010 DDK-CM03AA-P4S-010 Datasheet
1Mb / 5P
DeviceNet Mini-style Connectors
CM02BA-8DP5S-010 DDK-CM02BA-8DP5S-010 Datasheet
731Kb / 3P
DeviceNet Micro-Style Connectors
CM02-8D2TA5-CF DDK-CM02-8D2TA5-CF Datasheet
797Kb / 6P
DeviceNet Micro-Style Connectors
CM03-P4S DDK-CM03-P4S Datasheet
214Kb / 3P
DeviceNet Mini-Style Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com