Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0029110053 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0029110053
Description  2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting Ears, 5 Circuits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0029110053 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0029110053_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/09/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0029110053
Status:
Active
Overview:
SPOX™ Wire-to-Board Connectors
Description:
2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting
Ears, 5 Circuits
Documents:
3D Model
Product Specification PS-51191-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
5240
Application
Signal, Wire-to-Wire
Overview
SPOX™ Wire-to-Board Connectors
Product Name
SPOX
UPC
800753627819
Physical
Circuits (maximum)
5
Flammability
94V-0
Gender
Plug
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Net Weight
791.100/mg
Number of Rows
1
Packaging Type
Bag
Panel Mount
No, Yes
Pitch - Mating Interface
2.50mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Engineering Number
5240-051
Reference - Drawing Numbers
Product Specification
PS-51191-003
Sales Drawing
SD-5240-N1
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
5240 Series
Mates With
51191 Housing
Use With
5241
This document was generated on 10/09/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0029110053_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0029110053 MOLEX3-0029110053 Datasheet
100Kb / 2P
2.50mm (.098") Pitch SPOX??Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting Ears, 5 Circuits
More results

Similar Description - 0029110053_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0029110053 MOLEX3-0029110053 Datasheet
100Kb / 2P
2.50mm (.098") Pitch SPOX??Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting Ears, 5 Circuits
0029110042 MOLEX1-0029110042_17 Datasheet
31Kb / 1P
2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting Ears, 4 Circuits
0029110043 MOLEX1-0029110043_17 Datasheet
31Kb / 1P
2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting Ears, 4 Circuits
0029110052 MOLEX1-0029110052_17 Datasheet
31Kb / 1P
2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting Ears, 5 Circuits
0029110063 MOLEX1-0029110063_17 Datasheet
31Kb / 1P
2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting Ears, 6 Circuits
0029110073 MOLEX1-0029110073_17 Datasheet
31Kb / 1P
2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting Ears, 7 Circuits
0029110082 MOLEX1-0029110082_17 Datasheet
31Kb / 1P
2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting Ears, 8 Circuits
0029110083 MOLEX1-0029110083_17 Datasheet
31Kb / 1P
2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting Ears, 8 Circuits
0029110093 MOLEX1-0029110093_17 Datasheet
31Kb / 1P
2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting Ears, 9 Circuits
0029110102 MOLEX1-0029110102_17 Datasheet
31Kb / 1P
2.50mm Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting Ears, 10 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com