Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS412TSN Datasheet(PDF) 13 Page - Microchip Technology

Part # HCS412TSN
Description  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412TSN Datasheet(HTML) 13 Page - Microchip Technology

Back Button HCS412TSN Datasheet HTML 9Page - Microchip Technology HCS412TSN Datasheet HTML 10Page - Microchip Technology HCS412TSN Datasheet HTML 11Page - Microchip Technology HCS412TSN Datasheet HTML 12Page - Microchip Technology HCS412TSN Datasheet HTML 13Page - Microchip Technology HCS412TSN Datasheet HTML 14Page - Microchip Technology HCS412TSN Datasheet HTML 15Page - Microchip Technology HCS412TSN Datasheet HTML 16Page - Microchip Technology HCS412TSN Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS41099C-page 13
HCS412
FIGURE 3-5:
PWM TRANSMISSION FORMAT—MOD = 0
FIGURE 3-6:
MANCHESTER TRANSMISSION FORMAT—MOD = 1
3.4
Encoder Special Features
3.4.1
CODE WORD COMPLETION AND
MINIMUM CODE WORDS
The code word completion feature ensures that entire
code words are transmitted, even if the active button is
released before the code word transmission is com-
plete. If the button is held down beyond the time for one
code word, multiple complete code words will result.
The device default is that a momentary button press
will transmit at least one complete code word. Enable
the Minimum Four Code Words (MTX4) configuration
option to extend this feature such that a minimum of 4
code words are completed on a momentary button acti-
vation.
3.4.2
AUTO-SHUTOFF
The Auto-shutoff function prevents battery drain should
a button get stuck for a long period of time. The time
period (TTO) is approximately 20 seconds, after which
the device will enter Time-out mode.
The device will stop transmitting in Time-out mode but
there will be leakage across the stuck button input’s
internal pull-down resistor. The current draw will there-
fore be higher than when in Standby mode.
3.4.3
CODE WORD BLANKING ENABLE
Federal Communications Commission (FCC) part 15
rules specify the limits on worst case average funda-
mental power and harmonics that can be transmitted in
a 100 ms window. For FCC approval purposes, it may
therefore be advantageous to minimize the transmis-
sion duty cycle. This can be achieved by minimizing the
on-time of the individual bits as well as by blanking out
consecutive code words.
TOTAL TRANSMISSION:
Preamble Sync Encrypt
Fixed
Guard
1 CODE WORD
Preamble Sync
Encrypt
LOGIC "1"
Guard
Time
31 RFTE Preamble, 50% Duty Cycle
Encrypted
Portion
Fixed Code
Portion
LOGIC "0"
10TE
Header
TE
TE
TE
CODE WORD
Long Preamble (LPRE) disabled
TOTAL TRANSMISSION:
Sync
Encrypt
Fixed
Guard
1 CODE WORD
Preamble
Sync
Encrypt
Preamble
CODE WORD
Guard
50% Duty
Header
Encrypted
Fixed Code
START bit
STOP bit
Time
Portion
Portion
bit 0 bit 1 bit 2
LOGIC "0"
LOGIC "1"
TE
TE
Preamble



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com