Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6521 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP6521
Description  PWM and Triple Linear Power Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6521 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP6521 Datasheet HTML 2Page - Intersil Corporation HIP6521 Datasheet HTML 3Page - Intersil Corporation HIP6521 Datasheet HTML 4Page - Intersil Corporation HIP6521 Datasheet HTML 5Page - Intersil Corporation HIP6521 Datasheet HTML 6Page - Intersil Corporation HIP6521 Datasheet HTML 7Page - Intersil Corporation HIP6521 Datasheet HTML 8Page - Intersil Corporation HIP6521 Datasheet HTML 9Page - Intersil Corporation HIP6521 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
output voltage. As the internal soft-start voltage increases, the
pulse-width on the PHASE pin increases to reach its steady-
state duty cycle at time T2. At time T3, the 3.3V input supply
starts ramping up; as a result, VOUT2 and VOUT4 start ramping
up on the second attempt (approximately 3.25 SS cycles wait),
at time T4. During the interval between T4 and T5, the linear
controller error amplifiers’ references ramp to the final value
bringing all outputs within regulation limits.
Overcurrent Protection
All outputs are protected against excessive overcurrents.
The PWM controller uses the upper MOSFET’s
on-resistance, rDS(ON) to monitor the current for protection
against shorted output. All linear controllers monitor their
respective FB pins for undervoltage events to protect against
excessive currents.
A sustained overload (undervoltage on linears or overcurrent
on the PWM) on any output results in an independent
shutdown of the respective output, followed by subsequent
individual re-start attempts performed at an interval equivalent
to 3 soft-start intervals. Figure 2 describes the protection
feature. At time T0, an overcurrent event sensed across the
switching regulator’s upper MOSFET (rDS(ON) sensing)
triggers a shutdown of the VOUT1 output. As a result, its
internal soft-start initiates a number of soft-start cycles. After a
three-cycle wait, the fourth soft-start initiates a ramp-up
attempt of the failed output, at time T2, bringing the output in
regulation at time T4.
To exemplify an UV event on one of the linears, at time T1,
the clock regulator (VOUT2) is also subjected to an
overcurrent event, resulting in an UV condition. Similarly,
after three soft-start periods, the fourth cycle initiates a
ramp-up of this linear output at time T3. One soft-start period
after T3, the linear output is within regulation limits. UV
glitches less than 1
µs (typically) in duration are ignored.
As overcurrent protection is performed on the synchronous
switcher regulator on a cycle-by-cycle basis, OC monitoring
is active as long as the regulator is operational. Since the
overcurrent protection on the linear regulators is performed
through undervoltage monitoring at the feedback pins (FB2,
FB3, and FB4), this feature is activated approximately 25%
into the soft-start interval (see Figure 2).
A resistor (ROCSET) programs the overcurrent trip level for
the PWM converter. As shown in Figure 3, the internal
40
µA current sink (IOCSET) develops a voltage across
ROCSET (VSET) that is referenced to VIN. The DRIVE
signal enables the overcurrent comparator (OCC). When
the voltage across the upper MOSFET (VDS(ON)) exceeds
VSET, the overcurrent comparator trips to set the
overcurrent latch. Both VSET and VDS(ON) are referenced
to VIN and a small capacitor across ROCSET helps VOCSET
track the variations of VIN due to MOSFET switching. The
overcurrent function will trip at a peak inductor current
(IPEAK) determined by:
The OC trip point varies with MOSFET’s rDS(ON)
temperature variations. To avoid overcurrent tripping in the
normal operating load range, determine the ROCSET
resistor from the equation above with:
FIGURE 1. SOFT-START INTERVAL
0V
0V
TIME
+5VSB
(0.5V/DIV)
VOUT2 (2.5V)
VOUT4 (1.5V)
T1
T2
T3
T0
T4
(1V/DIV)
+3.3VIN
+5VDUAL
+3.3VDUAL
VOUT3 (1.8V)
VOUT1 (2.5V)
T5
FIGURE 2. OVERCURRENT/UNDERVOLTAGE PROTECTION
RESPONSE
0V
TIME
(0.5V/DIV.)
VOUT3 (1.8V)
VOUT2 (2.5V)
T1
T2
T3
T0
VOUT4 (1.5V)
VOUT1 (2.5V)
UV MONITORING
INACTIVE
SOFT-START
FUNCTION
ACTIVE
T4
I
PEAK =
I
OCSET
R
OCSET
×
r
DS ON
()
----------------------------------------------------
HIP6521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com