Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILQ621 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ILQ621
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ621 Datasheet(HTML) 2 Page - Vishay Siliconix

  ILQ621 Datasheet HTML 1Page - Vishay Siliconix ILQ621 Datasheet HTML 2Page - Vishay Siliconix ILQ621 Datasheet HTML 3Page - Vishay Siliconix ILQ621 Datasheet HTML 4Page - Vishay Siliconix ILQ621 Datasheet HTML 5Page - Vishay Siliconix ILQ621 Datasheet HTML 6Page - Vishay Siliconix ILQ621 Datasheet HTML 7Page - Vishay Siliconix ILQ621 Datasheet HTML 8Page - Vishay Siliconix ILQ621 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number 83654
Rev. 1.3, 19-Apr-04
VISHAY
ILD621/ GB/ ILQ621/ GB
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Output
Coupler
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6.0
V
Forward current
IF
60 mA
mA
Surge current
IFSM
1.5
A
Power dissipation
Pdiss
100
mW
Derate from 25 °C
1.33
mW/°C
Parameter
Test condition
Symbol
Value
Unit
Collector -emitter reverse
voltage
VECO
70
V
Collector current
IC
50
mA
t < 1.0 ms
IC
100
mA
Power dissipation
Pdiss
150
mW
Derate from 25 °C
- 2.0
mW/°C
Parameter
Test condition
Part
Symbol
Value
Unit
Isolation test voltage
t = 1.0 sec.
VISO
5300
VRMS
Package dissipation
ILD621
400
mW
ILD621GB
400
mW
Derate from 25 °C
5.33
mW/°C
Package dissipation
ILQ621
500
mW
ILQ621GB
500
mW
Derate from 25 °C
6.67
mW/°C
Creepage
≥ 7.0
mm
Clearance
≥ 7.0
mm
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature
Tstg
- 55 to +150
°C
Operating temperature
Tamb
- 55 to +100
°C
Junction temperature
Tj
100
°C
Soldering temperature
2.0 mm from case bottom
Tsld
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com