Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2DBF Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # ES2DBF
Description  2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

ES2DBF Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  ES2DBF Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd ES2DBF Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES2CBF ES2DBF ES2EBF ES2GBF ES2JBF
ES2ABF
Unit
Symbol
Characteristic
Case: SMBF, Molded Plastic
Classification Rating 94V-O
Super-Fast Recovery Time
Ideally Suited for Automatic Assembly
Surge Overload Rating to 50A Peak
Low Power Loss
ES2ABF – ES2JBF
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
Features
!
Glass Passivated Die Construction
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
!
Plastic Case Material has UL Flammability
                            
Mechanical Data
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.057 grams (approx.)
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
420
V
Average Rectified Output Current
@TL = 100°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Forward Voltage
@IF = 2.0A
VFM
0.95
1.25
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 1)
trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
45
pF
Typical Thermal Resistance (Note 3)
RJL
65
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
1 of 2
ES2ABF – ES2JBF
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
A
B
C
D
F
E
G
ES2BBF
SMBF
4.40
4.20
3.70
3.50
Dim
Min
Max
A
B
C
D
E
F
G
All Dimensions in mm
0.26
0.18
5.50
5.10
1.30
1.10
1.00
-
2.20
1.90
Alldatasheet


Similar Part No. - ES2DBF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
ES2DBF CHENDA-ES2DBF Datasheet
601Kb / 2P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES2DBF YFWDIODE-ES2DBF Datasheet
90Kb / 3P
Surface Mount Superfast Recovery Rectifier
ES2DBF YFWDIODE-ES2DBF Datasheet
426Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Guangdong Juxing Electr...
ES2DBF JUXING-ES2DBF Datasheet
732Kb / 3P
Surface Mount Superfast Rectifiers
logo
Galaxy Semi-Conductor H...
ES2DBF BILIN-ES2DBF Datasheet
384Kb / 4P
Super-Fast Rectifiers
More results

Similar Description - ES2DBF

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER2A WTE-ER2A_06 Datasheet
54Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER2AA WTE-ER2AA Datasheet
54Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER3A WTE-ER3A_06 Datasheet
48Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Zibo Seno Electronic En...
ER2A ZSELEC-ER2A Datasheet
121Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER3A ZSELEC-ER3A Datasheet
114Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES2A ZSELEC-ES2A Datasheet
121Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES2AF ZSELEC-ES2AF Datasheet
108Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES2AW ZSELEC-ES2AW Datasheet
107Kb / 2P
2.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
SMBYW02-50 ZSELEC-SMBYW02-50 Datasheet
110Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
SMBYW04-50 ZSELEC-SMBYW04-50 Datasheet
114Kb / 2P
4.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com