Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL3-DS06 Datasheet(PDF) 2 Page - SICK AG

Part # LL3-DS06
Description  FIBER-OPTIC SENSORS AND FIBERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

LL3-DS06 Datasheet(HTML) 2 Page - SICK AG

  LL3-DS06 Datasheet HTML 1Page - SICK AG LL3-DS06 Datasheet HTML 2Page - SICK AG LL3-DS06 Datasheet HTML 3Page - SICK AG LL3-DS06 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LL3-DS06 | LL3
FIBER-OPTIC SENSORS AND FIBERS
Ordering information
Type
Part no.
LL3-DS06
5308073
Other models and accessories
www.sick.com/LL3
Detailed technical data
Features
Device type
Fibers
Detection principle
Proximity system
For fiber-optic sensor
GLL170(T), WLL180T
Fiber length
2 m
Fiber material
Polymethylmethacrylat (PMMA)
Jacket material
Polyethylen (PE)
Fiber head material
Stainless steel 1)
Outer diameter, fiber-optic cable connec-
tion
1 mm
Fiber-optic cable cuttable
✔ 2)
Thread size
M3
Fiber-optic head design
Threaded sleeve
Fiber arrangement
Monofiber
Core structure
2 x Ø 0,5 mm 3) Monofiber
Bend radius, fibre-optic cable
15 mm
Angle of dispersion < 60°
No
Compatibility with infrared light (1,450 nm) No
Ambient operating temperature
–40 °C ... +70 °C
Highly flexible/elastic fibers (bend radius
1–4 mm)
No
Adapter end sleeves required
Yes
Angle of dispersion
60°
Integrated lens
No
Minimal object diameter
0.015 mm 4)
Special features
Standard, compact head and end sleeve, large sensing range
Included with delivery
Mounting, 2 x M3 hexagon nut, 2 x washer, adapter sleeves, BF-WLL160-10 (1.0 mm) adapter
sleeves, FC fiber cutter (5304141)
Compatibility tip adapters
No
1) Stainless steel.
2) FC fiber optic cable cutter included in delivery.
3) C = Coaxial, S = Sender, E = Receiver.
4) Minimum detectable object was determined at optimum measuring distance and optimum setting.
Classifications
ECl@ss 5.0
27270905
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-08-15 16:43:06
Subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com