Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL3-DR12 Datasheet(PDF) 3 Page - SICK AG

Part # LL3-DR12
Description  FIBER-OPTIC SENSORS AND FIBERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

LL3-DR12 Datasheet(HTML) 3 Page - SICK AG

  LL3-DR12 Datasheet HTML 1Page - SICK AG LL3-DR12 Datasheet HTML 2Page - SICK AG LL3-DR12 Datasheet HTML 3Page - SICK AG LL3-DR12 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LL3-DR12 | LL3
FIBER-OPTIC SENSORS AND FIBERS
Classifications
ECl@ss 5.0
27270905
ECl@ss 5.1.4
27270905
ECl@ss 6.0
27270905
ECl@ss 6.2
27270905
ECl@ss 7.0
27270905
ECl@ss 8.0
27270905
ECl@ss 8.1
27270905
ECl@ss 9.0
27270905
ETIM 5.0
EC002651
ETIM 6.0
EC002651
UNSPSC 16.0901
39121528
Sensing ranges with WLL180T
Operating mode 16 µs
4 mm
Operating mode 70 µs
13 mm
Operating mode 250 µs
27 mm
Operating mode 2 ms
55 mm
Operating mode 8 ms
59 mm
Sensing ranges with GLL170
Operating mode 250 µs
10 mm
Sensing ranges with GLL170T
Operating mode 50 µs
0 mm
Operating mode 250 µs
20 mm
Dimensional drawing (Dimensions in mm (inch))
LL3-DR12
Ø 1 x 2
20
Ø 2
Ø 3
Ø 3.2
1
15
15
2000
Ø 0.05 x 151
Ø 0.5
2017-08-15 16:43:06 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com