Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL3-DR08 Datasheet(PDF) 2 Page - SICK AG

Part # LL3-DR08
Description  FIBER-OPTIC SENSORS AND FIBERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

LL3-DR08 Datasheet(HTML) 2 Page - SICK AG

  LL3-DR08 Datasheet HTML 1Page - SICK AG LL3-DR08 Datasheet HTML 2Page - SICK AG LL3-DR08 Datasheet HTML 3Page - SICK AG LL3-DR08 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LL3-DR08 | LL3
FIBER-OPTIC SENSORS AND FIBERS
Ordering information
Type
Part no.
LL3-DR08
5326037
Other models and accessories
www.sick.com/LL3
Detailed technical data
Features
Device type
Fibers
Detection principle
Proximity system
For fiber-optic sensor
GLL170(T), WLL180T
Fiber length
2 m
Fiber material
Polymethylmethacrylat (PMMA)
Jacket material
Polyethylen (PE)
Fiber head material
Stainless steel
Outer diameter, fiber-optic cable connec-
tion
1 mm
Fiber-optic cable cuttable
✔ 1)
Thread size
M3
Fiber-optic head design
Threaded sleeve
Fiber arrangement
Multi-fiber – fiber bundle
Core structure
S: 2 x Ø 0,25 mm R: 2 x Ø 0,25 mm Multi-fiber – fiber bundle
Bend radius, fibre-optic cable
4 mm
Angle of dispersion < 60°
No
Compatibility with infrared light (1,450 nm) No
Ambient operating temperature
–40 °C ... +60 °C
Application
High flexible (static), Robotics (dynamic flexible)
Highly flexible/elastic fibers (bend radius
1–4 mm)
No
Adapter end sleeves required
Yes
Angle of dispersion
60°
Integrated lens
No
Minimal object diameter
0.02 mm 2)
Included with delivery
Mounting, 2 x M3 hexagon nut, 1 x washer, adapter sleeves, BF-WLL160-10 (1.0 mm) adapter
sleeves, FC fiber cutter (5304141)
Compatibility tip adapters
No
1) FC fiber optic cable cutter included in delivery.
2) Minimum detectable object was determined at optimum measuring distance and optimum setting.
Classifications
ECl@ss 5.0
27270905
ECl@ss 5.1.4
27270905
ECl@ss 6.0
27270905
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-08-15 16:43:06
Subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com