Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS607 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IS607
Description  OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IS607 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IS607 Datasheet HTML 1Page - List of Unclassifed Manufacturers IS607 Datasheet HTML 2Page - List of Unclassifed Manufacturers IS607 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISOCOM COMPONENTS LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1YD
Tel: (01429) 863609 Fax :(01429) 863581
8/8/01
DB90042m-AAS/A4
OPTICALLY COUPLED BILATERAL
SWITCH NON-ZERO CROSSING
TRIAC
IS607X, IS608X
IS607, IS608
APPROVALS
l
UL recognised, File No. E91231
'X' SPECIFICATION APPROVALS
l
l
VDE 0884 in 2 available lead forms : -
- STD
- G form
DESCRIPTION
The IS607, IS608 series are optically
coupled isolators consisting of a Gallium
Arsenide infrared emitting diode coupled with a
light activated silicon bilateral switch perform-
ing the functions of a triac mounted in a
standard 6 pin dual-in-line package.
FEATURE
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
l
450V Peak Blocking Voltage
l
All electrical parameters 100% tested
l
Custom electrical selections available
APPLICATIONS
l
CRTs
l
Power Triac Driver
l
Motors
l
Consumer appliances
l
Printers
ABSOLUTE MAXIMUM RATINGS
(25 °C unless otherwise noted)
Storage Temperature
-400C - +1500C
Operating Temperature
-400C - +1000C
Lead Soldering Temperature
2600C
(1.6mm from case for 10 seconds)
Input-to-output Isolation Voltage (Pk) 7500 Vac
(60 Hz , 1sec. duration)
INPUT DIODE
Forward Current
50mA
Reverse Voltage
6V
Power Dissipation
70mW
(derate linearly 0.93mW/0C above 250C)
OUTPUT PHOTO TRIAC
Off-State Output Terminal Voltage
450V
RMS Forward Current
100mA
Forward Current (Peak)
1A
Power Dissipation
300mW
(derate linearly 4.0mW/0C above 250C)
POWER DISSIPATION
Total Power Dissipation
330mW
(derate linearly 4.4mW/0C above 250C)
ISOCOM INC
1024 S. Greenville Ave, Suite 240,
Allen, TX 75002 USA
Tel:(214)495-0755 Fax:(214)495-0901
e-mail info@isocom.com
http://www.isocom.com
1
3
6
2
5
4
0.26
0.5
Dimensions in mm
7.0
6.0
1.2
7.62
3.0
13°
Max
3.35
4.0
3.0
2.54
7.62
6.62
0.5
OPTION G
7.62
SURFACE MOUNT
OPTION SM
10.16
0.26
10.46
9.86
0.6
0.1
1.25
0.75


Similar Part No. - IS607

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
IS6000-06PS FLEXTRAL-IS6000-06PS Datasheet
398Kb / 1P
IS6000PS SUPREMEFLEX 6K PRO-SHIELD
V02.24
IS6000-08PS FLEXTRAL-IS6000-08PS Datasheet
398Kb / 1P
IS6000PS SUPREMEFLEX 6K PRO-SHIELD
V02.24
IS6000-10PS FLEXTRAL-IS6000-10PS Datasheet
398Kb / 1P
IS6000PS SUPREMEFLEX 6K PRO-SHIELD
V02.24
IS6000-12PS FLEXTRAL-IS6000-12PS Datasheet
398Kb / 1P
IS6000PS SUPREMEFLEX 6K PRO-SHIELD
V02.24
IS6000-16PS FLEXTRAL-IS6000-16PS Datasheet
398Kb / 1P
IS6000PS SUPREMEFLEX 6K PRO-SHIELD
V02.24
More results

Similar Description - IS607

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOC3031 ETC-MOC3031 Datasheet
37Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
H11J1X ETC-H11J1X Datasheet
52Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
IS620 ETC-IS620 Datasheet
37Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS3021 ETC-IS3021 Datasheet
44Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
IS420 ETC1-IS420 Datasheet
38Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS6003 ETC-IS6003 Datasheet
54Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
ISOCOM COMPONENTS
MOC3009X ISOCOM-MOC3009X Datasheet
54Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
MOC3020X ISOCOM-MOC3020X Datasheet
67Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
IS6005X ISOCOM-IS6005X Datasheet
75Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
Panasonic Semiconductor
IS6005X PANASONIC-IS6005X Datasheet
75Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com