Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM1ZX Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # MM1ZX
Description  Silicon planar zener diode in a small plastic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

MM1ZX Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  MM1ZX Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd MM1ZX Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd MM1ZX Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MM1Z2V0~MM1Z120
Zener Voltage Range
1)
Dynamic Impedance
2)
Reverse Leakage
Current
Temp. coefficient
of Zener Voltage
lZT for
VZT
ZZ (Max)
at
IZ
IR (Max) at VR
Type
Marking
Code
Vznom
V
mA
V
Ω
mA
µA
V
TKvz
%/K
MM1Z 2V0
4A
2.0
5
1.80...2.15
100
5
120
0.5
-0.09...-0.06
MM1Z 2V2
4B
2.2
5
2.08...2.33
100
5
120
0.7
-0.09...-0.06
MM1Z 2V4
4C
2.4
5
2.28...2.56
100
5
120
1.0
-0.09...-0.06
MM1Z 2V7
4D
2.7
5
2.5...2.9
110
5
120
1.0
-0.09...-0.06
MM1Z 3V0
4E
3.0
5
2.8...3.2
120
5
50
1.0
-0.08...-0.05
MM1Z 3V3
4F
3.3
5
3.1...3.5
130
5
20
1.0
-0.08...-0.05
MM1Z 3V6
4H
3.6
5
3.4...3.8
130
5
10
1.0
-0.08...-0.05
MM1Z 3V9
4J
3.9
5
3.7...4.1
130
5
5
1.0
-0.08...-0.05
MM1Z 4V3
4K
4.3
5
4.0...4.6
130
5
5
1.0
-0.06...-0.03
MM1Z 4V7
4M
4.7
5
4.4...5.0
130
5
2
1.0
-0.05...+0.02
MM1Z 5V1
4N
5.1
5
4.8...5.4
130
5
2
1.5
-0.02...+0.02
MM1Z 5V6
4P
5.6
5
5.2...6.0
80
5
1
2.5
-0.05...+0.05
MM1Z 6V2
4R
6.2
5
5.8...6.6
50
5
1
3.0
0.03...0.06
MM1Z 6V8
4X
6.8
5
6.4...7.2
30
5
0.5
3.5
0.03...0.07
MM1Z 7V5
4Y
7.5
5
7.0...7.9
30
5
0.5
4.0
0.03...0.07
MM1Z 8V2
4Z
8.2
5
7.7...8.7
30
5
0.5
5.0
0.03...0.08
MM1Z 9V1
5A
9.1
5
8.5...9.6
30
5
0.5
6.0
0.03...0.09
MM1Z 10
5B
10
5
9.4...10.6
30
5
0.1
7.0
0.03...0.1
MM1Z 11
5C
11
5
10.4...11.6
30
5
0.1
8.0
0.03...0.11
MM1Z 12
5D
12
5
11.4...12.7
35
5
0.1
9.0
0.03...0.11
MM1Z 13
5E
13
5
12.4...14.1
35
5
0.1
10
0.03...0.11
MM1Z 15
5F
15
5
13.8...15.6
40
5
0.1
11
0.03...0.11
MM1Z 16
5H
16
5
15.3...17.1
40
5
0.1
12
0.03...0.11
MM1Z 18
5J
18
5
16.8...19.1
45
5
0.1
13
0.03...0.11
MM1Z 20
5K
20
5
18.8...21.2
50
5
0.1
15
0.03...0.11
MM1Z 22
5M
22
5
20.8...23.3
55
5
0.1
17
0.04...0.12
MM1Z 24
5N
24
5
22.8...25.6
60
5
0.1
19
0.04...0.12
MM1Z 27
5P
27
5
25.1...28.9
70
2
0.1
21
0.04...0.12
MM1Z 30
5R
30
5
28...32
80
2
0.1
23
0.04...0.12
MM1Z 33
5X
33
5
31...35
80
2
0.1
25
0.04...0.12
MM1Z 36
5Y
36
5
34...38
90
2
0.1
27
0.04...0.12
MM1Z 39
5Z
39
2.5
37...41
100
2
2
30
0.04...0.12
MM1Z 43
6A
43
2.5
40...46
130
2
2
33
0.04...0.12
MM1Z 47
6B
47
2.5
44...50
150
2
2
36
0.04...0.12
MM1Z 51
6C
51
2.5
48...54
180
2
1
39
0.04...0.12
MM1Z 56
6D
56
2.5
52...60
180
2
1
43
0.04...0.12
MM1Z 62
6E
62
2.5
58...66
200
2
0.2
47
0.04...0.12
MM1Z 68
6F
68
2.5
64...72
250
2
0.2
52
0.04...0.12
MM1Z 75
6H
75
2.5
70...79
300
2
0.2
57
0.04...0.12
MM1Z 82
6J
82
2.5
77...87
300
2
0.2
63
0.05...0.12
MM1Z 91
6K
91
1
85...96
700
1
0.2
69
0.05...0.12
MM1Z 100
6M
100
1
94...106
700
1
0.2
76
0.05...0.12
MM1Z 110
6N
110
1
104...116
800
1
0.2
84
0.05...0.12
MM1Z 120
6P
120
1
114...127
900
1
0.2
91
0.05...0.12
1
) VZ is tested with pulses (20 ms).
2)
ZZ is measured at IZ by given a very small A.C. current signal.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com