Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS3021 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IS3021
Description  OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IS3021 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IS3021 Datasheet HTML 1Page - List of Unclassifed Manufacturers IS3021 Datasheet HTML 2Page - List of Unclassifed Manufacturers IS3021 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB92284m-AAS/A1
7/12/00
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
ELECTRICAL CHARACTERISTICS ( T
A = 25°C Unless otherwise noted )
Input
Forward Voltage (V
F)
1.2
1.5
V
I
F = 10mA
Reverse Current (I
R)
100
µA
V
R = 6V
Output
Peak Off-state Current ( I
DRM )
100
nA
V
DRM = 400V (note 1 )
Peak Blocking Voltage ( V
DRM )
400
V
I
DRM = 100nA
On-state Voltage ( V
TM )
1.5
3.0
V
I
TM = 100mA ( peak )
Critical rate of rise of off-state
Voltage ( dv/dt ) ( note 1 )
10
V/
µs
Critical rate of rise of commutating
Voltage ( dv/dt ) ( note 1 )
0.1
0.2
V/
µs
I load = 15mA,
V
IN = 30V ( fig 1. )
Coupled
Input Current to Trigger ( I
FT )(note 2 )
IS3020
30
mA
V
D = 3V ( note 2 )
IS3021
15
mA
IS3022
10
mA
Holding Current , either direction ( I
H )
100
µA
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 3
7500
V
PK
See note 3
Note 1. Test voltage must be applied within dv/dt rating.
Note 2. Guaranteed to trigger at an I
F value less than or equal to max. IFT , recommended IF lies
between Rated I
FT and absolute max. IFT .
Note 3. Measured with input leads shorted together and output leads shorted together.
R
IN
1
3
6
5
4
V
CC
+
-
2k
Ω
V
IN
~
STATIC
dv/dt
COMMUTATING
dv/dt
2
+5v
V
CC
0v
120
Ω
FIGURE 1
R
L



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com