Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL3-LM38751 Datasheet(PDF) 2 Page - SICK AG

Part # LL3-LM38751
Description  FIBER-OPTIC SENSORS AND FIBERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

LL3-LM38751 Datasheet(HTML) 2 Page - SICK AG

  LL3-LM38751 Datasheet HTML 1Page - SICK AG LL3-LM38751 Datasheet HTML 2Page - SICK AG LL3-LM38751 Datasheet HTML 3Page - SICK AG LL3-LM38751 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LL3-LM38751 | LL3
FIBER-OPTIC SENSORS AND FIBERS
Illustration may differ
Ordering information
Type
Part no.
LL3-LM38751
2073504
Other models and accessories
www.sick.com/LL3
Detailed technical data
Features
Device type
Fibers
Detection principle
Through-beam system
For fiber-optic sensor
GLL170(T), WLL180T
Fiber length
750 mm
Fiber material
Stone, ceramic, glass
Jacket material
Polyvinylchlorid (PVC)
Fiber head material
Chrome-plated metal coil
Outer diameter, fiber-optic cable connec-
tion
2.2 mm
Fiber-optic head design
Flat type, 90° deflection
Fiber arrangement
Multi-fiber – linear arrangement
Core structure
Multi-fiber – linear arrangement
Bend radius, fibre-optic cable
20 mm
Angle of dispersion < 60°
Yes
Compatibility with infrared light (1,450 nm) Yes
Ambient operating temperature
–10 °C ... +60 °C
Highly flexible/elastic fibers (bend radius
1–4 mm)
No
Adapter end sleeves required
No
Angle of dispersion
53.13°
Integrated lens
Yes
Minimal object diameter
0.5 mm
Compatibility tip adapters
No
Classifications
ECl@ss 5.0
27270905
ECl@ss 5.1.4
27270905
ECl@ss 6.0
27270905
ECl@ss 6.2
27270905
ECl@ss 7.0
27270905
ECl@ss 8.0
27270905
ECl@ss 8.1
27270905
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-09-05 09:33:06
Subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com