Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K08A Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # K08A
Description  LH0101 Power Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

K08A Datasheet(HTML) 2 Page - National Semiconductor (TI)

  K08A Datasheet HTML 1Page - National Semiconductor (TI) K08A Datasheet HTML 2Page - National Semiconductor (TI) K08A Datasheet HTML 3Page - National Semiconductor (TI) K08A Datasheet HTML 4Page - National Semiconductor (TI) K08A Datasheet HTML 5Page - National Semiconductor (TI) K08A Datasheet HTML 6Page - National Semiconductor (TI) K08A Datasheet HTML 7Page - National Semiconductor (TI) K08A Datasheet HTML 8Page - National Semiconductor (TI) K08A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
(Note 5)
Supply Voltage VS
g
22V
Power Dissipation at TA e 25 C PD
5W
Derate linearly at 25 CW to zero at 150 C
Power Dissipation at TC e 25 C
62W
Derate linearly at 2 CW to zero at 150 C
Differential Input Voltage VIN
g
40V but k gVS
Input Voltage Range VCM
g
20V but k gVS
Thermal Resistance
See Typical Performance Characteristics
Peak Output Current (50 ms pulse) IO(PK)
5A
Output Short Circuit Duration
(within rated power dissipation
RSC e 035X TA e 25 C)
Continuous
Operating Temperature Range TA
LH0101AC LH0101C
b
25 Cto a85 C
LH0101A LH0101
b
55 Cto a125 C
Storage Temperature Range TSTG
b
65 Cto a150 C
Maximum Junction Temperature TJ
150 C
Lead Temperature (Soldering k10 sec)
260 C
ESD rating to be determined
DC Electrical Characteristics (Note 1) VS e g15V TA e 25 C unless otherwise noted
LH0101AC
LH0101C
Symbol
Parameter
Conditions
LH0101A
LH0101
Units
Min
Typ
Max
Min
Typ
Max
VOS
Input Offset Voltage
1
3
5
10
mV
TMIN s TA s TMAX
715
D
VOS DPD Change in
(Note 2)
Input Offset Voltage
150
300
m
VW
with Dissipated Power
D
VOS DT Change in
VCM e 0
Input Offset Voltage
10
10
m
V C
with Temperature
IB
Input Bias Current
300
1000
pA
TA s TMAX
LH0101CAC
60
60
nA
LH0101A
300
1000
IOS
Input Offset Current
75
250
pA
TA s TMAX
LH0101CAC
15
15
nA
LH0101A
75
250
AVOL
Large Signal
VO e g10V RL e 10X
50
200
50
200
VmV
Voltage Gain
VO
Output Voltage Swing RSC e 0RL e 100X
g
12
g
125
g
12
g
125
AV ea1RL e 10X
g
1125 g116
g
1125 g116
V
Note 3
RL e 5X
g
105
g
11
g
105
g
11
CMRR
Common Mode
D
VIN e g10V
85
100
85
100
Rejection Ratio
dB
PSRR
Power Supply
D
VS e g5V to g15V
85
100
85
100
Rejection Ratio
IS
Quiescent Supply
28
35
28
35
mA
Current
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com