Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6232 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6232
Description  215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6232 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6232 Datasheet HTML 3Page - Linear Technology LT6232 Datasheet HTML 4Page - Linear Technology LT6232 Datasheet HTML 5Page - Linear Technology LT6232 Datasheet HTML 6Page - Linear Technology LT6232 Datasheet HTML 7Page - Linear Technology LT6232 Datasheet HTML 8Page - Linear Technology LT6232 Datasheet HTML 9Page - Linear Technology LT6232 Datasheet HTML 10Page - Linear Technology LT6232 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
sn623012 623012fas
LT6230/LT6230-10/
LT6231/LT6232
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Resistance
Common Mode
6.5
M
Ω
Differential Mode
7.5
k
Ω
CIN
Input Capacitance
Common Mode
2.4
pF
Differential Mode
6.5
pF
AVOL
Large-Signal Gain
VO = ±4.5V, RL = 10k
140
260
V/mV
RL = 1k
35
65
V/mV
VO = ±2V, RL = 100Ω
8.5
16
V/mV
VCM
Input Voltage Range
Guaranteed by CMRR
–3
4
V
CMRR
Common Mode Rejection Ratio
VCM = –3V to 4V
95
120
dB
CMRR Match (Channel-to-Channel) (Note 6)
VCM = –3V to 4V
89
125
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±5V
90
115
dB
PSRR Match (Channel-to-Channel) (Note 6)
VS = ±1.5V to ±5V
84
115
dB
VOL
Output Voltage Swing LOW (Note 8)
No Load
4
40
mV
ISINK = 5mA
85
190
mV
ISINK = 20mA
240
460
mV
VOH
Output Voltage Swing HIGH (Note 8)
No Load
5
50
mV
ISOURCE = 5mA
90
200
mV
ISOURCE = 20mA
325
600
mV
ISC
Short-Circuit Current
±30
mA
IS
Supply Current per Amplifier
3.3
3.9
mA
Disabled Supply Current per Amplifier
ENABLE = 4.65V
0.2
µA
IENABLE
ENABLE Pin Current
ENABLE = 0.3V
–35
–85
µA
VL
ENABLE Pin Input Voltage LOW
0.3
V
VH
ENABLE Pin Input Voltage HIGH
4.65
V
Output Leakage Current
ENABLE = V+ – 4.65V, VO = ±1V
0.2
10
µA
tON
Turn-On Time
ENABLE = 5V to 0V, RL = 1k
300
ns
tOFF
Turn-Off Time
ENABLE = 0V to 5V, RL = 1k
62
µs
GBW
Gain Bandwidth Product
Frequency = 1MHz
150
215
MHz
LT6230-10
1000
1450
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = –2V to 2V
50
70
V/
µs
LT6230-10, AV = –10, RL = 1k, VO = –2V to 2V
320
V/
µs
FPBW
Full Power Bandwidth
VOUT = 3VP-P (Note 9)
5.3
7.4
MHz
LT6230-10, HD2 = HD3
≤ 1%
11
MHz
tS
Settling Time (LT6230, LT6231, LT6232)
0.1%, VSTEP = 2V, AV = –1, RL = 1k
50
ns
TA = 25°C, VS = ±5V, VCM = VOUT = 0V, ENABLE = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com