Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1850 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC1850
Description  8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1850 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC1850 Datasheet HTML 20Page - Linear Technology LTC1850 Datasheet HTML 21Page - Linear Technology LTC1850 Datasheet HTML 22Page - Linear Technology LTC1850 Datasheet HTML 23Page - Linear Technology LTC1850 Datasheet HTML 24Page - Linear Technology LTC1850 Datasheet HTML 25Page - Linear Technology LTC1850 Datasheet HTML 26Page - Linear Technology LTC1850 Datasheet HTML 27Page - Linear Technology LTC1850 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
27
LTC1850/LTC1851
18501f
PACKAGE DESCRIPTIO
FW Package
48-Lead Plastic TSSOP (6.1mm)
(Reference LTC DWG # 05-08-1651)
FW48 TSSOP 0502
0.09 – 0.20
(.0035 – .008)
0
° – 8°
0.45 – 0.75
(.018 – .029)
0.17 – 0.27
(.0067 – .0106)
0.50
(.0197)
BSC
6.0 – 6.2**
(.236 – .244)
7.9 – 8.3
(.311 – .327)
13 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
12.4 – 12.6*
(.488 – .496)
1.20
(.0473)
MAX
0.05 – 0.15
(.002 – .006)
2
48
46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
47
C
.10
-T-
-C-
MILLIMETERS
(INCHES)
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED .152mm (.006") PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED .254mm (.010") PER SIDE
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
*
**
0.32
±0.05
0.50 TYP
6.2
±0.10
8.1
±0.10
RECOMMENDED SOLDER PAD LAYOUT
0.95
±0.10
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com