Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACL4300T2 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ACL4300T2
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ACL4300T2 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ACL4300T2 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ACL4300T2 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ACL4300T2 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ACL4300T2 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
August 2017
plerowTM ACL4300T2
Internally Matched LNA Module
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at room temperature.
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at Vs= 5V.
4200 MHz
4300 MHz
4400 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
4.50 V
21.94
-19.16
-15.44
21.21
1.57
-23.09
-17.93
20.37
-23.50
-15.42
4.75 V
22.16
-19.59
-15.30
21.44
1.58
-23.89
-17.80
20.58
-24.42
-15.26
5.00 V
22.35
-19.74
-15.27
21.62
1.58
-24.48
-17.70
20.77
-25.01
-15.15
5.25 V
22.49
-20.14
-15.15
21.78
1.58
-25.10
-17.62
20.91
-25.68
-14.97
5.50 V
22.62
-20.36
-15.02
21.90
1.60
-25.63
-17.52
21.02
-25.96
-14.86
4200 MHz
4300 MHz
4400 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
4.50 V
29.77
15.21
1.001
27.22
14.92
1.060
28.25
14.72
1.052
4.75 V
32.15
15.67
1.020
28.67
15.49
1.045
29.69
15.20
1.065
5.00 V
32.32
16.14
1.026
29.98
15.98
1.059
30.98
15.65
1.068
5.25 V
33.27
16.56
1.035
31.02
16.46
1.072
32.31
16.11
1.072
5.50 V
34.32
16.93
1.047
32.19
16.83
1.084
33.37
16.41
1.083
4200 MHz
4300 MHz
4400 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
-45
C
23.18
-19.38
-10.38
22.55
1.59
-22.08
-12.40
21.59
-26.84
-13.34
-10
C
22.82
-22.03
-12.15
22.23
1.51
-26.09
-13.67
21.31
-22.68
-15.21
25
C
22.39
-23.36
-13.43
21.86
1.36
-27.47
-14.04
21.03
-21.34
-15.84
60
C
22.07
-25.89
-12.65
21.48
1.24
-27.70
-15.23
20.59
-20.83
-16.28
85
C
21.73
-27.23
-13.02
21.15
1.48
-28.05
-15.86
20.25
-20.82
-16.24
4200 MHz
4300 MHz
4400 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
-45
C
30.1
15.1
0.538
31.0
14.5
0.564
29.6
14.0
0.585
-10
C
30.2
15.3
0.764
30.9
14.7
0.788
29.8
14.2
0.823
25
C
30.2
15.0
1.038
30.5
14.4
1.063
29.8
14.2
1.089
60
C
30.0
15.0
1.337
30.4
14.4
1.363
29.8
14.2
1.390
85
C
29.4
15.0
1.587
29.6
14.3
1.613
29.1
14.2
1.638
RF Performance with Operating Temperature
RF Performance with Voltage Change



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com