Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALN2045AT Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN2045AT
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN2045AT Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN2045AT Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN2045AT Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN2045AT Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN2045AT Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
June 2017
plerowTM ALN2045AT
Internally Matched LNA Module
Item
Voltage
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
4.5
-19.5
-11.3
14.6
0.9
0.542
19.5
34.4
59
4.6
-19.6
-10.9
14.6
0.9
0.551
19.5
34.7
61
4.7
-19.9
-10.8
14.6
0.9
0.566
19.5
34.7
64
4.8
-20.0
-10.7
14.6
0.9
0.573
19.5
34.8
66
4.9
-20.2
-10.5
14.7
0.9
0.579
19.5
34.4
68
5.0
-20.4
-10.4
14.7
0.9
0.580
19.5
34.4
70
5.1
-20.5
-10.3
14.7
0.9
0.581
19.5
34.4
72
5.2
-20.6
-10.2
14.7
0.8
0.584
19.5
34.4
74
5.3
-20.9
-10.0
14.7
0.8
0.588
19.6
34.3
77
5.4
-21.1
-9.9
14.7
0.8
0.593
19.6
34.3
79
5.5
-21.3
-9.7
14.7
0.8
0.597
19.6
34.4
81
Item
Temp.
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
- 40
C
-22.2
-9.7
15.1
1.0
0.350
19.8
32.1
68
- 20
C
-21.5
-10.1
14.9
0.9
0.409
19.8
33.8
69
0
C
-21.0
-10.3
14.8
0.9
0.481
19.8
34.5
70
25
C
-20.4
-10.4
14.7
0.9
0.580
19.7
34.9
70
40
C
-20.1
-10.3
14.5
0.9
0.639
19.5
34.7
70
60
C
-19.8
-10.2
14.4
0.9
0.749
19.4
34.4
70
80
C
-19.4
-9.9
14.3
0.9
0.832
19.2
33.0
69
100
C
-19.3
-9.7
14.2
0.9
0.953
18.9
32.7
69
RF Performance with Voltage Change
RF Performance with Operating Temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com