Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4211 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4211
Description  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4211 Datasheet HTML 17Page - Linear Technology LTC4211 Datasheet HTML 18Page - Linear Technology LTC4211 Datasheet HTML 19Page - Linear Technology LTC4211 Datasheet HTML 20Page - Linear Technology LTC4211 Datasheet HTML 21Page - Linear Technology LTC4211 Datasheet HTML 22Page - Linear Technology LTC4211 Datasheet HTML 23Page - Linear Technology LTC4211 Datasheet HTML 24Page - Linear Technology LTC4211 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
LTC4211
4211f
Table 2. tSLOWCOMP vs CFILTER
CFILTER
tSLOWCOMP
100pF
82
µs
220pF
156
µs
330pF
224
µs
470pF
310
µs
680pF
440
µs
820pF
527
µs
1000pF
638
µs
For proper circuit breaker operation, Kelvin-sense PCB
connections between the sense resistor and the LTC4211’s
VCC and SENSE pins are strongly recommended. The
drawing in Figure 11 illustrates the correct way of making
connections between the LTC4211 and the sense resistor.
PCB layout should be balanced and symmetrical to mini-
mize wiring errors. In addition, the PCB layout for the
sense resistor should include good thermal management
techniques for optimal sense resistor power dissipation.
The power rating of the sense resistor should accommo-
date steady-state fault current levels so that the compo-
nent is not damaged before the circuit breaker trips.
Table 4 in the Appendix lists sense resistors that can be
used with the LTC4211’s circuit breaker.
IRC-TT SENSE RESISTOR
LR251201R010F
OR EQUIVALENT
0.01
Ω, 1%, 1W
CURRENT FLOW
TO LOAD
CURRENT FLOW
TO LOAD
TO
VCC
TO
SENSE
TRACK WIDTH W:
0.03" PER AMP
ON 1 OZ COPPER
W
4211 F11
Figure 11. Making PCB Connections to the Sense Resistor
OPERATIO
CALCULATING CIRCUIT BREAKER TRIP CURRENT
For a selected RSENSE value, the nominal load current that
trips the circuit breaker is given by Equation 10:
I
V
R
mV
R
TRIP NOM
CB NOM
SENSE NOM
SENSE NOM
()
()
()
()
==
50
(10)
The minimum load current that trips the circuit breaker is
given by Equation 11.
I
V
R
mV
R
TRIP MIN
CB MIN
SENSE MAX
SENSE MAX
()
()
()
()
==
40
(11)
where
RR
R
SENSE MAX
SENSE NOM
TOL
()
(
) •
=+


1
100
SENSE RESISTOR CONSIDERATIONS
The fault current level at which the LTC4211’s internal
electronic circuit breaker trips is determined by a sense
resistor connected between the LTC4211’s VCC and SENSE
pins and two separate trip points. The first trip point is set
by the SLOW COMP’s threshold, VCB(SLOW) = 50mV, and
occurs should a load current fault condition exist for more
than 20
µs. The current level at which the electronic circuit
breaker trips is given by Equation 8:
I
V
R
mV
R
TRIP SLOW
CB SLOW
SENSE
SENSE
()
()
==
50
(8)
The second trip point is set by the FAST COMP’s threshold,
VCB(FAST) = 150mV, and occurs during fast load current
transients that exist for 300ns or longer. The current level
at which the circuit breaker trips in this case is given by
Equation 9:
I
V
R
mV
R
TRIP FAST
CB FAST
SENSE
SENSE
()
()
==
150
(9)
As a design aid, the currents at which electronic circuit
breaker trips for common values for RSENSE are shown in
Table 3.
Table 3. ITRIP(SLOW) and ITRIP(FAST) vs RSENSE
RSENSE
ITRIP(SLOW)
ITRIP(FAST)
0.005
Ω
10A
30A
0.006
Ω
8.3A
25A
0.007
Ω
7.1A
21A
0.008
Ω
6.3A
19A
0.009
Ω
5.6A
17A
0.01
Ω
5A
15A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com