Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HCT157 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M54HCT157
Description  HCT157 QUAD 2 CHANNEL MULTIPLEXER HCT158 QUAD 2 CHANNEL MULTIPLEXER (INV)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HCT157 Datasheet(HTML) 5 Page - STMicroelectronics

  M54HCT157 Datasheet HTML 1Page - STMicroelectronics M54HCT157 Datasheet HTML 2Page - STMicroelectronics M54HCT157 Datasheet HTML 3Page - STMicroelectronics M54HCT157 Datasheet HTML 4Page - STMicroelectronics M54HCT157 Datasheet HTML 5Page - STMicroelectronics M54HCT157 Datasheet HTML 6Page - STMicroelectronics M54HCT157 Datasheet HTML 7Page - STMicroelectronics M54HCT157 Datasheet HTML 8Page - STMicroelectronics M54HCT157 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DC SPECIFICATIONS
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
4.5
to
5.5
2.0
2.0
2.0
V
VIL
Low Level Input
Voltage
4.5
to
5.5
0.8
0.8
0.8
V
VOH
High Level
Output Voltage
4.5
VI =
VIH
or
VIL
IO=-20
µA
4.4
4.5
4.4
4.4
V
IO=-4.0 mA
4.18
4.31
4.13
4.10
VOL
Low Level Output
Voltage
4.5
VI =
VIH
or
VIL
IO=20
µA
0.0
0.1
0.1
0.1
V
IO= 4.0 mA
0.17
0.26
0.33
0.4
II
Input Leakage
Current
5.5
VI =VCC or GND
±0.1
±1
±1
µA
ICC
Quiescent Supply
Current
5.5
VI =VCC or GND
4
40
80
µA
∆ICC
Additional worst
case supply
current
5.5
Per Input pin
VI = 0.5V or
VI = 2.4V
Other Inputs at
VCC or GND
IO=0
2.0
2.9
3.0
mA
M54/M74HCT157 M54/M74HCT158
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com