Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1AF Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # GS1AF
Description  1.0A SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

GS1AF Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  GS1AF Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd GS1AF Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbo
GS1AF GS1BF GS1DF GS1GF GS1J F GS1K F GS1MF Unit
5 0
100
200
400
600
800
1000
V
SMAF
Characteristic
Surge Overload Rating to 30A Peak
Ideally Suited for Automatic Assembly
Built-in Strain Relief
Classification Rating 94V-O
Low Power Loss
Weight: 0.037 grams (approx.)
Typical Thermal Resistance (Note 2)
R
Typical Junction Capacitance (Note 1)
C
GS1AF-GS1MF
-65 to +150
°C
1.0A SURFACE MOUNT RECTIFIER
Features
!
!
Low Forward Voltage Drop
!
!
!
!
Plastic Case Material has UL Flammability
                            
Mechanical Data
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
3 5
70
140
280
420
560
700
V
Average Rectified Output Current
@TL = 100°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
1.10
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
100
µA
j
12
pF
JL
60
K/W
Operating and Storage Temperature Range
Tj, TSTG
1 of 2
GS1AF-GS1MF
2. Mounted on P.C. Board with 8.0mm
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
Note:
2 land area.
!
Lead Free: For RoHS / Lead Free Version
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
3.60
3.20
2.80
2.40
Dim
Min
Max
A
B
C
D
E
F
G
All Dimensions in mm
0.20
0.10
4.80
4.40
1.10
0.90
0.90
-
1.43
1.38
Case: SMAF, Molded Plastic
A
B
C
D
F
E
G
Alldatasheet


Similar Part No. - GS1AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS1AF ETC2-GS1AF Datasheet
525Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Semiconducto...
GS1AF CHENDA-GS1AF Datasheet
627Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
SUNMATE electronic Co.,...
GS1AF SUNMATE-GS1AF Datasheet
516Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
logo
Micro Commercial Compon...
GS1AFL MCC-GS1AFL Datasheet
392Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results

Similar Description - GS1AF

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MFPS2S TAITRON-MFPS2S Datasheet
193Kb / 4P
1.0A Surface Mount Schottky Rectifier
S1A TAITRON-S1A Datasheet
187Kb / 5P
1.0A Surface Mount Rectifier
S1AB TAITRON-S1AB Datasheet
183Kb / 4P
1.0A SURFACE MOUNT RECTIFIER
logo
SUNMATE electronic Co.,...
ER1A SUNMATE-ER1A Datasheet
277Kb / 2P
1.0A Surface Mount Rectifier
RS1A SUNMATE-RS1A Datasheet
126Kb / 2P
1.0A Surface Mount Rectifier
logo
Zibo Seno Electronic En...
S1A ZSELEC-S1A Datasheet
189Kb / 2P
1.0A SURFACE MOUNT RECTIFIER
S1M ZSELEC-S1M Datasheet
147Kb / 2P
1.0A SURFACE MOUNT RECTIFIER
BYG50A ZSELEC-BYG50A Datasheet
145Kb / 2P
1.0A SURFACE MOUNT RECTIFIER
GF1A ZSELEC-GF1A Datasheet
111Kb / 2P
1.0A SURFACE MOUNT RECTIFIER
MRA4001T3 ZSELEC-MRA4001T3 Datasheet
145Kb / 2P
1.0A SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com