Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM224DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM224DR
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM224DR Datasheet(HTML) 1 Page - Texas Instruments

  LM224DR Datasheet HTML 1Page - Texas Instruments LM224DR Datasheet HTML 2Page - Texas Instruments LM224DR Datasheet HTML 3Page - Texas Instruments LM224DR Datasheet HTML 4Page - Texas Instruments LM224DR Datasheet HTML 5Page - Texas Instruments LM224DR Datasheet HTML 6Page - Texas Instruments LM224DR Datasheet HTML 7Page - Texas Instruments LM224DR Datasheet HTML 8Page - Texas Instruments LM224DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V,
LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS066R − SEPTEMBER 1975 − REVISED JANUARY 2005
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 2-kV ESD Protection for:
− LM224K, LM224KA
− LM324K, LM324KA
− LM2902K, LM2902KV, LM2902KAV
D Wide Supply Ranges
− Single Supply ...3 V to 32 V
(26 V for LM2902)
− Dual Supplies . . .
+1.5 V to +16 V
(
+13 V for LM2902)
D Low Supply-Current Drain Independent of
Supply Voltage . . . 0.8 mA Typ
D Common-Mode Input Voltage Range
Includes Ground, Allowing Direct Sensing
Near Ground
D Low Input Bias and Offset Parameters
− Input Offset Voltage ...3 mV Typ
A Versions ...2 mV Typ
− Input Offset Current ...2 nA Typ
− Input Bias Current...20 nA Typ
A Versions . . . 15 nA Typ
D Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage ...32 V
(26 V for LM2902)
D Open-Loop Differential Voltage
Amplification . . . 100 V/mV Typ
D Internal Frequency Compensation
description/ordering information
These devices consist of four independent
high-gain frequency-compensated operational
amplifiers that are designed specifically to operate
from a single supply over a wide range of voltages.
Operation from split supplies also is possible if the
difference between the two supplies is 3 V to 32 V
(3 V to 26 V for the LM2902), and VCC is at least
1.5 V more positive than the input common-mode
voltage.
The
low
supply-current
drain
is
independent of the magnitude of the supply
voltage.
Applications
include
transducer
amplifiers,
dc
amplification
blocks,
and
all
the
conventional
operational-amplifier circuits that now can be more easily implemented in single-supply-voltage systems. For
example, the LM124 can be operated directly from the standard 5-V supply that is used in digital systems and
provides the required interface electronics, without requiring additional
±15-V supplies.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN−
1IN+
VCC
2IN+
2IN−
2OUT
4OUT
4IN−
4IN+
GND
3IN+
3IN−
3OUT
LM124 . . . D, J, OR W PACKAGE
LM124A ...J PACKAGE
LM224, LM224A, LM224K, LM224KA ...D OR N PACKAGE
LM324, LM324K . . . D, N, NS, OR PW PACKAGE
LM324A . . . D, DB, N, NS, OR PW PACKAGE
LM324KA . . . D, N, NS, OR PW PACKAGE
LM2902 . . . D, N, NS, OR PW PACKAGE
LM2902K . . . D, DB, N, NS, OR PW PACKAGE
LM2902KV, LM2902KAV ...D OR PW PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4IN+
NC
GND
NC
3IN+
1IN+
NC
VCC
NC
2IN+
LM124, LM124A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - LM224DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM224DR TI-LM224DR Datasheet
598Kb / 24P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM224DR TI-LM224DR Datasheet
759Kb / 29P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM224DR TI-LM224DR Datasheet
690Kb / 27P
Quadruple operationl amplifiers
REVISED JANUARY 2005
LM224DR TI1-LM224DR Datasheet
1Mb / 35P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
LM224DR TI-LM224DR Datasheet
1Mb / 35P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
More results

Similar Description - LM224DR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI-LM148_06 Datasheet
399Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
Quadruple Operational Amplifiers
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
Quadruple Operational Amplifiers
logo
Unisonic Technologies
LM224 UTC-LM224_15 Datasheet
208Kb / 4P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
LM124 ARTSCHIP-LM124 Datasheet
244Kb / 7P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 1997
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
Quadruple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com