Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS11H-R03820-CH Datasheet(PDF) 1 Page - Kemet Corporation

Part # SS11H-R03820-CH
Description  SS Coils, SS11V/H-CH Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS11H-R03820-CH Datasheet(HTML) 1 Page - Kemet Corporation

  SS11H-R03820-CH Datasheet HTML 1Page - Kemet Corporation SS11H-R03820-CH Datasheet HTML 2Page - Kemet Corporation SS11H-R03820-CH Datasheet HTML 3Page - Kemet Corporation SS11H-R03820-CH Datasheet HTML 4Page - Kemet Corporation SS11H-R03820-CH Datasheet HTML 5Page - Kemet Corporation SS11H-R03820-CH Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0023_SS11V/H-CH • 6/16/2014
One world. One KEMET
Benefits
• Widevarietyofsizesandspecifications
• Inductances up to 82 mH
• Rated Currents up to 3 A
• DCResistancesaslowas0.063Ω
Overview
TheKEMETSSCoils,SS11V/H-CHTypeAClinefiltersare
offeredinawidevarietyofsizesandspecifications.
Applications
• Consumer Electronics
• Common mode choke
AC Line Filters
SS Coils, SS11V/H-CH Type
AC Line Filters
35
Common mode
SS11V/H-03550-CH
4.1
SS11V/H-04350-CH
2.6
0.3
0.4
55
35
10.5
10.7
45
45
SS11V/H-05230-CH
1.8
0.5
23
10.5
45
SS11V/H-06180-CH
1.3
0.6
18
11.1
45
03 lot No.
04 lot No.
05 lot No.
06 lot No.
SS11V/H-07120-CH
0.90
0.7
12
10.8
45
07 lot No.
SS11V/H-08083-CH
0.74
0.8
8.3
9.8
45
08 lot No.
SS11V/H-10062-CH
0.44
1.0
6.2
11.1
45
10 lot No.
SS11V/H-11050-CH
0.40
1.1
5
10.7
45
11 lot No.
SS11V/H-13035-CH
0.28
1.3
3.5
10.5
45
13 lot No.
SS11V/H-17024-CH
0.19
1.7
2.4
10.8
45
17 lot No.
SS11V/H-22013-CH
0.12
2.2
1.3
10.4
45
22 lot No.
SS11V/H-30006-CH
0.063
3.0
0.6
9.6
45
30 lot No.
SS11V/H-R03820-CH
4.1
0.3
82
10.5
45
R03 lot No.
SS11V/H-R04520-CH
2.6
0.4
52
10.7
45
R04 lot No.
SS11V/H-R05350-CH
1.8
0.5
35
10.5
45
R05 lot No.
SS11V/H-R06270-CH
1.3
0.6
27
11.1
45
R06 lot No.
SS11V/H-R07190-CH
0.90
0.7
19
10.8
45
R07 lot No.
SS11V/H-R08125-CH
0.74
0.8
12.5
9.8
45
R08 lot No.
SS11V/H-R10093-CH
0.44
1.0
9.3
11.1
45
R10 lot No.
SS11V/H-R11076-CH
0.40
1.1
7.6
10.7
45
R11 lot No.
SS11V/H-R13052-CH
0.28
1.3
5.2
10.5
45
R13 lot No.
SS11V/H-R17036-CH
0.19
1.7
3.6
10.8
45
R17 lot No.
SS11V/H-R22020-CH
0.12
2.2
2
10.4
45
R22 lot No.
SS11V/H-R30009-CH
0.063
3.0
0.9
9.6
45
R30 lot No.
• Rated voltage: 250VAC
• Withstanding voltage: AC 2400V (2 sec between lines)
• Insulation resistance: at 500VDC, more than 100M (between lines)
• Thermal class: E (120˚C)  
• Operating temperature range (˚C): –25 to T (T=120–temperature rise)  • Inductance measurement condition:1kHz, 1V, KC530
bSS11V-CH
bSS11H-CH
13±0.5
10±0.5
14.5±1.0
Marking
13±0.5
22±1.0
ø0.8
Marking
18±0.5
21±1.0
14±0.5
20.5±1.0
18.0±0.5
ø0.8
Shape and Dimensions
[mm]
Model
DC resistance
( /line)
max.
Temperature
rise(K)
max.
Marking
Inductance
(mH)
min.
Weight
approx.
(g)
Rated
current
AC(A)
Numbering System
Series
Core size
Type (V : vertical H : horizontal)
Core Type
Rated current (03 stands for 0.3A)
Inductance (550 stands for 55.0mH)
Product type
SS 11V/H -
03 550 - CH
� � �
� � �
�
SS Coils
SS11V/H-CH Type
[RoHS Compliant]
SS Coils
SS11V/H-CH Type
[RoHS Compliant]
Part Number System
SS
11
V-
R
03
550-
CH
Series
Core Size (mm)
Core Orientation
Core Type
Rated Current (A)
Minimum Inductance (mH)
Product Type
SS
11 = 11.0
V- = Vertical
H- = Horizontal
Blank = Standard
R = High permeability
0x = 0.x A (e.g., 03 = 0.3 A)
xx = x.x A (e.g., 13 = 1.3 A)
xx0- = xx mH (e.g., 550 = 55 mH)
0xx- = x.x mH (e.g., 024 = 2.4 mH)
CH


Similar Part No. - SS11H-R03820-CH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS11H-R03820-CH KEMET-SS11H-R03820-CH Datasheet
346Kb / 6P
Common Mode SS Coils, 11V/H-CH Series
More results

Similar Description - SS11H-R03820-CH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS11H-R10093-CH KEMET-SS11H-R10093-CH Datasheet
79Kb / 1P
Commercial Grade, SS11V/H-CH, 9300 uH
SS21V-R031380 KEMET-SS21V-R031380 Datasheet
385Kb / 6P
SS Coils, SS21V Type
SS35V-15300 KEMET-SS35V-15300 Datasheet
387Kb / 5P
SS Coils, SS35V/H Type
SS28V-R08600-CH KEMET-SS28V-R08600-CH Datasheet
297Kb / 4P
SS Coils, SS28V/H-CH Type
SS11V-06180-CH KEMET-SS11V-06180-CH Datasheet
79Kb / 1P
Commercial Grade, SS11V/H-CH, 0.018 H
SS11V-07120-CH KEMET-SS11V-07120-CH Datasheet
79Kb / 1P
Commercial Grade, SS11V/H-CH, 0.012 H
SS11V-08083-CH KEMET-SS11V-08083-CH Datasheet
79Kb / 1P
Commercial Grade, SS11V/H-CH, 8300 uH
SS11V-R10093-CH KEMET-SS11V-R10093-CH Datasheet
79Kb / 1P
Commercial Grade, SS11V/H-CH, 9300 uH
SS24V-R05600-CH KEMET-SS24V-R05600-CH Datasheet
267Kb / 4P
SS Coils, SS24V/H-CH Type
SS11H-03550-CH KEMET-SS11H-03550-CH_V01 Datasheet
346Kb / 6P
Common Mode SS Coils, 11V/H-CH Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com