Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS11H-R17036-CH Datasheet(PDF) 3 Page - Kemet Corporation

Part # SS11H-R17036-CH
Description  SS Coils, SS11V/H-CH Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS11H-R17036-CH Datasheet(HTML) 3 Page - Kemet Corporation

  SS11H-R17036-CH Datasheet HTML 1Page - Kemet Corporation SS11H-R17036-CH Datasheet HTML 2Page - Kemet Corporation SS11H-R17036-CH Datasheet HTML 3Page - Kemet Corporation SS11H-R17036-CH Datasheet HTML 4Page - Kemet Corporation SS11H-R17036-CH Datasheet HTML 5Page - Kemet Corporation SS11H-R17036-CH Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0023_SS11V/H-CH • 6/16/2014
AC Line Filters – SS Coils, SS11V/H-CH Type
Table 1 – Ratings & Part Number Reference
(1) To complete KEMET part number, insert V for vertical core type or H for horizontal core type.
Specifications
Frequency Characteristics
Item
SS11V/H-CH
Rated Voltage
250 VAC
Withstanding Voltage
2400 VAC (2 seconds, between lines)
Insulation Resistance
>100MΩ@500VDC(betweenlines)
Thermal Class
E (120°C)
Operating Temperature Range
-25ºC to T (T = 120 - temperature rise)
Inductance Measurement Condition
1 kHz, 1 V, KC530
Part Number
Rated Current
AC (A)
Inductance
(mH)
Minimum
DC Resistance/
Line (Ω)
Maximum
Temperature
Rise (K)
Maximum
Marking
Weight (g)
Approximate
SS11(1)-03550-CH
0.3
55
4.1
45
03 Lot No.
10.5
SS11(1)-04350-CH
0.4
35
2.6
45
04 Lot No.
10.7
SS11(1)-05230-CH
0.5
23
1.8
45
05 Lot No.
10.5
SS11(1)-06180-CH
0.6
18
1.3
45
06 Lot No.
11.1
SS11(1)-07120-CH
0.7
12
0.90
45
07 Lot No.
10.8
SS11(1)-08083-CH
0.8
8.3
0.74
45
08 Lot No.
9.8
SS11(1)-10062-CH
1.0
6.2
0.44
45
10 Lot No.
11.1
SS11(1)-11050-CH
1.1
5.0
0.40
45
11 Lot No.
10.7
SS11(1)-13035-CH
1.3
3.5
0.28
45
13 Lot No.
10.5
SS11(1)-17024-CH
1.7
2.4
0.19
45
17 Lot No.
10.8
SS11(1)-22013-CH
2.2
1.3
0.12
45
22 Lot No.
10.4
SS11(1)-30006-CH
3.0
0.6
0.063
45
30 Lot No.
9.6
SS11(1)-R03820-CH
0.3
82
4.1
45
R03 Lot No.
10.5
SS11(1)-R04520-CH
0.4
52
2.6
45
R04 Lot No.
10.7
SS11(1)-R05350-CH
0.5
35
1.8
45
R05 Lot No.
10.5
SS11(1)-R06270-CH
0.6
27
1.3
45
R06 Lot No.
11.1
SS11(1)-R07190-CH
0.7
19
0.90
45
R07 Lot No.
10.8
SS11(1)-R08125-CH
0.8
12.5
0.74
45
R08 Lot No.
9.8
SS11(1)-R10093-CH
1.0
9.3
0.44
45
R10 Lot No.
11.1
SS11(1)-R11076-CH
1.1
7.6
0.40
45
R11 Lot No.
10.7
SS11(1)-R13052-CH
1.3
5.2
0.28
45
R13 Lot No.
10.5
SS11(1)-R17036-CH
1.7
3.6
0.19
45
R17 Lot No.
10.8
SS11(1)-R22020-CH
2.2
2.0
0.12
45
R22 Lot No.
10.4
SS11(1)-R30009-CH
3.0
0.9
0.063
45
R30 Lot No.
9.6
AC Line Filters
36
Common mode
Frequency characteristic
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
333
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
333
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
333
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
333
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
333
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
333
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
03550
06180
05230
04350
03550
06180
05230
04350
07120
08083
11050
10062
07120
08083
11050
10062
13035
17024
22013
30006
13035
17024
22013
30006
R03820
R05350
R06270
R04520
R03820
R05350
R06270
R04520
R07190
R08125
R10093
R11076
R07190
R08125
R10093
R11076
R13052
R17036
R30009
R22020
R13052
R17036
R30009
R22020



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com