Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4000 Datasheet(PDF) 21 Page - Analog Devices

Part # AD4000
Description  Precision, Pseudo Differential, SAR ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4000 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD4000_17 Datasheet HTML 17Page - Analog Devices AD4000_17 Datasheet HTML 18Page - Analog Devices AD4000_17 Datasheet HTML 19Page - Analog Devices AD4000_17 Datasheet HTML 20Page - Analog Devices AD4000_17 Datasheet HTML 21Page - Analog Devices AD4000_17 Datasheet HTML 22Page - Analog Devices AD4000_17 Datasheet HTML 23Page - Analog Devices AD4000_17 Datasheet HTML 24Page - Analog Devices AD4000_17 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet
AD4000/AD4004/AD4008
Rev. C | Page 21 of 36
DRIVER AMPLIFIER CHOICE
Although the AD4000/AD4004/AD4008 are easy to drive, the
driver amplifier must meet the following requirements:
•
The noise generated by the driver amplifier must be kept
low enough to preserve the SNR and transition noise
performance of the AD4000/AD4004/AD4008. The noise
from the driver is filtered by the single-pole, low-pass filter
of the analog input circuit made by RIN and CIN, or by the
external filter, if one is used. Because the typical noise of the
AD4000/AD4004/AD4008 is 37 µV rms, the SNR
degradation due to the amplifier is
(
)
+
=
−
2
2
)
(
2
π
μV
37
μV
37
log
20
N
dB
3
LOSS
Ne
f
SNR
where:
f−3 dB is the input bandwidth, in megahertz, of the AD4000/
AD4004/AD4008 (10 MHz) or the cutoff frequency of the
input filter, if one is used.
N is the noise gain of the amplifier (for example, 1 in buffer
configuration).
eN is the equivalent input noise voltage of the op amp, in
nV/√Hz.
•
For ac applications, the driver must have a THD
performance commensurate with the AD4000/
AD4004/AD4008.
•
For multichannel multiplexed applications, the driver
amplifier and the analog input circuit of the AD4000/
AD4004/AD4008 must settle for a full-scale step onto the
capacitor array at a 16-bit level (0.0001525%, 15.25 ppm).
In the data sheet of the amplifier, settling at 0.1% to 0.01%
is more commonly specified. This settling may differ
significantly from the settling time at a 16-bit level and
must be verified prior to driver selection.
High Frequency Input Signals
The AD4000/AD4004/AD4008 ac performance over a wide
input frequency range using a 5 V reference voltage is shown
in Figure 36 and Figure 37. Unlike other traditional SAR ADCs, the
AD4000/AD4004/AD4008 maintain exceptional ac performance
for input frequencies up to the Nyquist frequency with minimal
performance degradation. Note that the input frequency is
limited to the Nyquist frequency of the sample rate in use.
94
80
1k
10k
100k
1M
INPUT FREQUENCY (Hz)
15.2
13.2
82
84
86
88
90
92
13.4
13.6
13.8
14.0
14.2
14.4
14.6
14.8
15.0
ENOB
SINAD
SNR
Figure 36. SNR, SINAD, and ENOB vs. Input Frequency, VDD = 1.8 V,
VIO = 3.3 V, VREF = 5 V, 25°C
–80
–120
–110
–115
–105
–95
–85
–100
–90
1k
10k
100k
1M
INPUT FREQUENCY (Hz)
80
120
85
90
95
100
105
110
115
THD
SFDR
Figure 37. THD and SFDR vs. Input Frequency, VDD = 1.8 V, VIO = 3.3 V,
VREF = 5 V, 25°C
Multiplexed Applications
The AD4000/AD4004/AD4008 significantly reduce system
complexity and cost for multiplexed applications that require
superior performance in terms of noise, power, and throughput.
Figure 38 shows a simplified block diagram of a multiplexed
data acquisition system including a multiplexer, an ADC driver,
and the precision SAR ADC.
SAR ADC
ADC
DRIVER
MULTIPLEXER
R
R
R
C
C
C
C
Figure 38. Multiplexed Data Acquisition Signal Chain Using the
AD4000/AD4004/AD4008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com