Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4010 Datasheet(PDF) 24 Page - Analog Devices

Part # AD4010
Description  Precision, Pseudo Differential, SAR ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4010 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD4010 Datasheet HTML 20Page - Analog Devices AD4010 Datasheet HTML 21Page - Analog Devices AD4010 Datasheet HTML 22Page - Analog Devices AD4010 Datasheet HTML 23Page - Analog Devices AD4010 Datasheet HTML 24Page - Analog Devices AD4010 Datasheet HTML 25Page - Analog Devices AD4010 Datasheet HTML 26Page - Analog Devices AD4010 Datasheet HTML 27Page - Analog Devices AD4010 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
AD4002/AD4006/AD4010
Preliminary Technical Data
Rev. PrA | Page 24 of 36
TBD
Figure 44. PSRR vs. Frequency, VDD = 1.8 V, VIO = 3.3 V, VREF = 5 V, 25°C
The AD4002/AD4006/AD4010 power down automatically at
the end of each conversion phase; therefore, the power scales
linearly with the sampling rate. This feature makes the device
ideal for low sampling rates (even a few samples per second)
and battery-powered applications. Figure 45 shows the AD4002/
AD4006/AD4010 total power dissipation and individual power
dissipation for each rail.
TBD
Figure 45. Power Dissipation vs. Throughput, VDD = 1.8 V, VIO = 1.8 V,
VREF = 5 V, 25°C
DIGITAL INTERFACE
Although the AD4002/AD4006/AD4010 have a reduced
number of pins, they offer flexibility in their serial interface
modes. The AD4002/AD4006/AD4010 can also be programmed
via 16-bit SPI writes to the configuration registers.
When in CS mode, the AD4002/AD4006/AD4010 are compatible
with SPI, QSPI™, MICROWIRE®, digital hosts, and digital signal
processors (DSPs). In this mode, the AD4002/AD4006/AD4010
can use either a 3-wire or 4-wire interface. A 3-wire interface
using the CNV, SCK, and SDO signals minimizes wiring con-
nections, which is useful, for instance, in isolated applications.
A 4-wire interface using the SDI, CNV, SCK, and SDO signals
allows CNV, which initiates the conversions, to be independent of
the readback timing (SDI). This interface is useful in low jitter
sampling or simultaneous sampling applications.
The AD4002/AD4006/AD4010 provide a daisy-chain feature
using the SDI input for cascading multiple ADCs on a single
data line, similar to a shift register.
The mode in which the device operates depends on the SDI
level when the CNV rising edge occurs. CS mode is selected if
SDI is high, and daisy-chain mode is selected if SDI is low. The
SDI hold time is such that when SDI and CNV are connected
together, daisy-chain mode is always selected.
In either 3-wire or 4-wire mode, the AD4002/AD4006/AD4010
offer the option of forcing a start bit in front of the data bits.
This start bit can be used as a busy signal indicator to interrupt
the digital host and trigger the data reading. Otherwise, without a
busy indicator, the user must time out the maximum conversion
time prior to readback.
The busy indicator feature is enabled in CS mode if CNV or SDI
is low when the ADC conversion ends.
The state of SDO on power-up is either low or high-Z, depending
on the states of CNV and SDI, as shown in in Table 11.
Table 11. State of SDO on Power-Up
CNV
SDI
SDO
0
0
Low
0
1
Low
1
0
Low
1
1
High-Z
The AD4002/AD4006/AD4010 have turbo mode capability in
both 3-wire and 4-wire mode. Turbo mode is enabled by writing
to the configuration register and replaces the busy indicator
feature when enabled. Turbo mode allows a slower SPI clock rate,
making interfacing simpler. The maximum throughput of
2 MSPS for the AD4002 can be achieved only with turbo mode
enabled and a minimum SCK rate of 75 MHz.
The SCK rate must be sufficiently fast to ensure the conversion
result is clocked out before another conversion is initiated. The
minimum required SCK rate for an application can be derived
based on the sample period (tCYC), the number of bits that must
be read (including data and optional status bits), and which
digital interface mode is used. Timing diagrams and explanations
for each digital interface mode are given in the digital modes of
operation sections (see the CS Mode, 3-Wire Turbo Mode
section through the Daisy-Chain Mode section).
Status bits can also be clocked out at the end of the conversion
data if the status bits are enabled in the configuration register.
There are six status bits in total, as shown in Table 15.
The AD4002/AD4006/AD4010 are configured by 16-bit SPI
writes to the desired configuration register. The 16-bit word can
be written via the SDI line while CNV is held low. The 16-bit
word consists of an 8-bit header and 8-bit register data. For
isolated systems, the ADuM141D is recommended, which can
support the 75 MHz SCK rate required to run the AD4002 at its
full throughput of 2 MSPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com