Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4011 Datasheet(PDF) 13 Page - Analog Devices

Part # AD4011
Description  Precision, Differential SAR ADCs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4011 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD4011 Datasheet HTML 9Page - Analog Devices AD4011 Datasheet HTML 10Page - Analog Devices AD4011 Datasheet HTML 11Page - Analog Devices AD4011 Datasheet HTML 12Page - Analog Devices AD4011 Datasheet HTML 13Page - Analog Devices AD4011 Datasheet HTML 14Page - Analog Devices AD4011 Datasheet HTML 15Page - Analog Devices AD4011 Datasheet HTML 16Page - Analog Devices AD4011 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Data Sheet
AD4003/AD4007/AD4011
Rev. B | Page 13 of 38
102
97
99
100
101
98
95
96
94
16.6
15.4
15.6
15.8
16.0
16.2
16.4
2.4
4.8
4.5
3.9
4.2
3.6
3.3
3.0
2.7
5.1
REFERENCE VOLTAGE (V)
ENOB
SINAD
SNR
Figure 17. SNR, SINAD, and Effective Number of Bits (ENOB) vs. Reference
Voltage
–40
100
80
60
40
20
0
–20
120
100.8
100.0
100.4
100.6
100.2
99.6
99.8
99.4
16.42
16.22
16.24
16.26
16.28
16.30
16.32
16.34
16.36
16.38
16.40
TEMPERATURE (°C)
ENOB
SINAD
SNR
Figure 18. SNR, SINAD, and ENOB vs. Temperature, fIN = 1 kHz
135
130
120
110
125
115
105
100
95
DECIMATION RATE
DYNAMIC RANGE
fIN = 1kHz
fIN = 10kHz
1
2
4
8
16
32
64
128
256
512 1024
Figure 19. SNR vs. Decimation Rate for Various Input Frequencies, 2 MSPS
–114
–124
–120
–118
–116
–122
–128
–126
–130
133
126
127
128
130
129
131
132
2.4
4.8
4.5
3.9
4.2
3.6
3.3
3.0
2.7
5.1
REFERENCE VOLTAGE (V)
SFDR
THD
Figure 20. THD and SFDR vs. Reference Voltage
–114.0
–114.5
–116.5
–115.5
–115.0
–116.0
–117.0
–117.5
118.0
117.9
117.4
117.7
117.8
117.6
117.2
117.3
117.5
117.1
117.0
–40
100
80
60
40
20
0
–20
120
TEMPERATURE (°C)
THD
SFDR
Figure 21. THD and SFDR vs. Temperature, fIN = 1 kHz
101
100
98
96
99
97
95
0
1020304050607080
tQUIET2 (ns)
VIO = 1.89V
VIO = 3.6V
VIO = 5.5V
Figure 22. SINAD vs. tQUIET2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com